Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70003SEH Datasheet (PDF) - Renesas Technology Corp

ISL70003SEH Datasheet PDF - Renesas Technology Corp
Part # ISL70003SEH
Download  ISL70003SEH Download
File Size   1948.51 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator

ISL70003SEH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL70003SEH Datasheet PDF - Renesas Technology Corp

Part # ISL70003SEH
Download  ISL70003SEH Click to download

File Size   1948.51 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator

ISL70003SEH Datasheet (HTML) - Renesas Technology Corp


ISL70003SEH Product details

Features
• Acceptance tested to 50krad(Si) (LDR) wafer-by-wafer
• ±1% reference voltage over line, temperature, and radiation
• Integrated MOSFETs 31mΩPFET/21mΩ NFET
- 95% peak efficiency
• Externally adjustable loop compensation
• Supports DDR applications (VTT tracks VDDQ/2)
- Buffer amplifier for generating VREF voltage
- 3A current sinking capability
• Grounded lid eliminates charge build up
• IMON pin for output current monitoring
• Adjustable analog soft-start
• Diode emulation for increased efficiency at light loads
• 500kHz or 300kHz operating frequency synch wording
• Monotonic start-up into prebiased load
• Full military temperature range operation
- TA = -55°C to +125°C
- TJ = -55°C to +150°C
• Radiation tolerance
- High dose rate (50-300rad(Si)/s). . . . . . . . . . . 100krad(Si)
- Low dose rate (0.01rad(Si)/s) . . . . . . . . . . . . 100krad(Si)*
* Limit established by characterization.
• SEE hardness
- SEB and SEL LETTH . . . . . . . . . . . . . . . . 86.4MeV•cm2/mg
- SET at LET 86.4MeV•cm2/mg . . . . . . . . . . . < ±3% ΔVOUT
- SEFI LETTH . . . . . . . . . . . . . . . . . . . . . . . . . 60MeV•cm2/mg
• Electrically screened to DLA SMD 5962-14203




Similar Part No. - ISL70003SEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70003SEH INTERSIL-ISL70003SEH Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
ISL70003SEHEV1Z INTERSIL-ISL70003SEHEV1Z Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
ISL70003SEHF INTERSIL-ISL70003SEHF Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
ISL70003SEHFE INTERSIL-ISL70003SEHFE Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
ISL70003SEHVF INTERSIL-ISL70003SEHVF Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
More results


Similar Description - ISL70003SEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
December 15, 2009
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 16, 2011
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
May 23, 2011
ISL70003ASEH INTERSIL-ISL70003ASEH Datasheet
2Mb / 36P
Radiation and SEE Tolerant 3V to 13.2V, 9A Buck Regulator
August 5, 2015
ISL70003SEH INTERSIL-ISL70003SEH Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
ISL70002SEH RENESAS-ISL70002SEH Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 36P
Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com