Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70001ASEHVF Datasheet (PDF) - Intersil Corporation

ISL70001ASEHVF Datasheet PDF - Intersil Corporation
Part # ISL70001ASEHVF
Download  ISL70001ASEHVF Download
File Size   1511.37 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Rad Hard and SEE Hard 6A Synchronous Buck Regulator

ISL70001ASEHVF Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL70001ASEHVF Datasheet PDF - Intersil Corporation

Part # ISL70001ASEHVF
Download  ISL70001ASEHVF Click to download

File Size   1511.37 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Rad Hard and SEE Hard 6A Synchronous Buck Regulator

ISL70001ASEHVF Datasheet (HTML) - Intersil Corporation


ISL70001ASEHVF Product details

Rad Hard and SEE Hard 6A Synchronous Buck Regulator

The ISL70001ASEH is a radiation hardened and SEE hardened high efficiency monolithic synchronous buck regulator with integrated MOSFETs. This single chip power solution operates over an input voltage range of 3V to 5.5V and provides a tightly regulated output voltage that is externally adjustable from 0.8V to ~85% of the input voltage. Output load current capacity is 6A for TJ < +145°C.

Features
• ±1% Reference Voltage Over Line, Load, Temperature and Radiation
• Current Mode Control for Excellent Dynamic Response
• Full Mil-Temp Range Operation (TA = -55°C to +125°C)
• 50% Lower Shutdown Supply Current than the ISL70001SEH
• Available in a thermally enhanced heatsink package - R48.B
• Highly Efficient: 94% Peak Efficiency
• Operates from 3V to 5.5V Supply
• Adjustable Output Voltage
    - Two External Resistors Set VOUT from 0.8V to ~85% of VIN
• Bi-directional SYNC Pin Allows Two Devices to be Synchronized 180° Out-of-Phase
• Power-Good Output Voltage Monitor
• Adjustable Analog Soft-Start
• Input Undervoltage, Output Undervoltage and Output Overcurrent Protection
• Electrically Screened to DLA SMD 5962-09225
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Hardness
   - Total Dose [50-300rad(Si)/s] . . . . . . . . . . . . . . 100krad(Si)
   - Total Dose [<10mrad(Si)/s] . . . . . . . . . . . . . . 100krad(Si)*
* Product capability established by initial characterization. The EH version is acceptance tested on a wafer-by-wafer basis to 50krad(Si) at low dose rate.
• SEE Hardness
   - SEL and SEB LETeff . . . . . . . . . . . . 86.4MeV/mg/cm2 min
   - SEFI X-section (LETeff = 86.4MeV/mg/cm2) 1.4 x 10-6 cm2 max
   - SET LETeff (< 1 Pulse Perturbation) 86.4MeV/mg/cm2 min

Applications
• FPGA, CPLD, DSP, CPU Core or I/O Voltages
• Low-Voltage, High-Density Distributed Power Systems




Similar Part No. - ISL70001ASEHVF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70001ASEHVF RENESAS-ISL70001ASEHVF Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
ISL70001ASEHVFE RENESAS-ISL70001ASEHVFE Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
More results


Similar Description - ISL70001ASEHVF

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5911 MSK-MSK5911 Datasheet
293Kb / 7P
DUAL RAD HARD /- VOLTAGE REGULATOR
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
May 23, 2011
ISL70001SEH INTERSIL-ISL70001SEH Datasheet
587Kb / 17P
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
November 30, 2011
ISL70002SEH INTERSIL-ISL70002SEH Datasheet
558Kb / 23P
Rad Hard and SEE Hard 12A Synchronous Buck Regulator with Multi-Phase Current Sharing
April 5, 2012
logo
Anaren Microwave
MSK5044RH ANAREN-MSK5044RH Datasheet
1Mb / 9P
RAD HARD 3.5A SWITCHING REGULATOR
MSK5048RH ANAREN-MSK5048RH Datasheet
657Kb / 8P
RAD HARD 3.5A SWITCHING REGULATOR
MSK5055RH ANAREN-MSK5055RH Datasheet
513Kb / 11P
RAD HARD HIGH VOLTAGE SYNCHRONOUS SWITCHING REGULATOR CONTROLLER
MSK5062RH ANAREN-MSK5062RH Datasheet
1,022Kb / 13P
RAD HARD 6A SWITCHING REGULATOR
MSK5063RH ANAREN-MSK5063RH Datasheet
704Kb / 12P
RAD HARD HIGH VOLTAGE SYNCHRONOUS SWITCHING REGULATOR
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com