Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8560 Datasheet (PDF) - Renesas Technology Corp

ISL8560 Datasheet PDF - Renesas Technology Corp
Part # ISL8560
Download  ISL8560 Download
File Size   1416.07 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DC/DC Power Switching Regulator

ISL8560 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8560 Datasheet PDF - Renesas Technology Corp

Part # ISL8560
Download  ISL8560 Click to download

File Size   1416.07 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DC/DC Power Switching Regulator

ISL8560 Datasheet (HTML) - Renesas Technology Corp


ISL8560 Product details

DC/DC Power Switching Regulator

The ISL8560 is a step down DC/DC power switching regulator which accepts 9.0V to 60V input and provides a 2A output current. The output voltage can be set in the range between 1.21V and 55V by means of an external divider. The device uses an internal power DMOS transistor with a typical rDS(ON) of 0.19 to obtain very high efficiency and high switching speed. A switching frequency in the range of 100kHz to 600kHz can be realized (the maximum power dissipation of the various packages must be observed).

Features
• Voltage feedforward mode
• Step down DC/DC supporting up to 2A
• Input voltage range of 9.0V to 60V
• Internal reference of 1.21V ±1%
• Adjustable output voltage range of 1.21V to 55V
• Adjustable switching frequency 100kHz to 600kHz
• Frequency SYNC pin
• Zero load current operation
• Pulse-by-pulse mode current limit and Hiccup mode
• Low standby current of 60µA typical
• Thermal shut-down
• Load dump to 100V for 400ms
• Pb-Free (RoHS compliant)

Applications
• Industrial and automotive power supplies
• Portable computers
• Battery chargers
• Distributed power systems




Similar Part No. - ISL8560

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8560 INTERSIL-ISL8560 Datasheet
1,023Kb / 17P
DC/DC Power Switching Regulator Voltage feedforward mode
September 19, 2008
ISL8560IRZ INTERSIL-ISL8560IRZ Datasheet
1,023Kb / 17P
DC/DC Power Switching Regulator Voltage feedforward mode
September 19, 2008
ISL8560IRZ-T INTERSIL-ISL8560IRZ-T Datasheet
1,023Kb / 17P
DC/DC Power Switching Regulator Voltage feedforward mode
September 19, 2008
ISL8560MR INTERSIL-ISL8560MR Datasheet
100Kb / 2P
DC/DC Power Switching Regulator
November 11, 2011
logo
Renesas Technology Corp
ISL8560MR RENESAS-ISL8560MR Datasheet
200Kb / 3P
DC/DC Power Switching Regulator
November 11, 2011
More results


Similar Description - ISL8560

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1156 FAIRCHILD-KSA1156 Datasheet
65Kb / 5P
High Voltage Switching Low Power Switching Regulator DC-DC Converter
logo
Toshiba Semiconductor
2SK4023 TOSHIBA-2SK4023 Datasheet
215Kb / 6P
Switching Regulator, DC/DC Converter
logo
Intersil Corporation
ISL8560MREP INTERSIL-ISL8560MREP Datasheet
90Kb / 2P
DC/DC Power Switching Regulator
December 13, 2007
ISL8540 INTERSIL-ISL8540 Datasheet
960Kb / 16P
DC/DC Power Switching Regulator
ISL8560 INTERSIL-ISL8560 Datasheet
1,023Kb / 17P
DC/DC Power Switching Regulator Voltage feedforward mode
September 19, 2008
logo
Toshiba Semiconductor
2SK4023 TOSHIBA-2SK4023_09 Datasheet
188Kb / 6P
Switching Regulator, DC/DC Converter
logo
Fairchild Semiconductor
KSA1156OS FAIRCHILD-KSA1156OS Datasheet
96Kb / 5P
High Voltage Switching Low Power Switching Regulator DC-DC Converter
logo
Intersil Corporation
ISL8560MR INTERSIL-ISL8560MR Datasheet
100Kb / 2P
DC/DC Power Switching Regulator
November 11, 2011
logo
Renesas Technology Corp
ISL8540 RENESAS-ISL8540 Datasheet
1Mb / 17P
DC/DC Power Switching Regulator
ISL8560MR RENESAS-ISL8560MR Datasheet
200Kb / 3P
DC/DC Power Switching Regulator
November 11, 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com