Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8560MR Datasheet (PDF) - Renesas Technology Corp

ISL8560MR Datasheet PDF - Renesas Technology Corp
Part # ISL8560MR
Download  ISL8560MR Download
File Size   200.53 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DC/DC Power Switching Regulator

ISL8560MR Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8560MR Datasheet PDF - Renesas Technology Corp

Part # ISL8560MR
Download  ISL8560MR Click to download

File Size   200.53 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DC/DC Power Switching Regulator

ISL8560MR Datasheet (HTML) - Renesas Technology Corp


ISL8560MR Product details

Features
• Specifications per DLA VID V62/08608
• Full Mil-Temp Electrical Performance from -55°C to +125°C
• Controlled Baseline with One Wafer Fabrication Site and
One Assembly/Test Site
• Full Homogeneous Lot Processing in Wafer Fab
• No Combination of Wafer Fabrication Lots in Assembly
• Full Traceability Through Assembly and Test by
Date/Trace Code Assignment
• Enhanced Process Change Notification
• Enhanced Obsolescence Management
• Eliminates Need for Up-Screening a COTS Component
• Voltage Feedforward Mode
• Step Down DC/DC Supporting up to 2A Based on Max TJ
and VIN/VOUT
• Input Voltage Range of 9.0V to 60V
• Internal Reference of 1.21V ±1%
• Adjustable Output Voltage Range of 1.21V to 55V
• Adjustable Switching Frequency 100kHz to 600kHz
• Frequency SYNC Pin
• Zero Load Current Operation
• Pulse by Pulse Mode Current Limit and Hiccup mode
• Low Standby Current of 60μA Typical
• Thermal Shut-down
• Load Dump to 100V for 400ms
Applications
• Industrial and Avionics power supplies
• Portable computers
• Battery chargers
• Distributed power systems
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”




Similar Part No. - ISL8560MR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8560MR INTERSIL-ISL8560MR Datasheet
100Kb / 2P
DC/DC Power Switching Regulator
November 11, 2011
ISL8560MREP INTERSIL-ISL8560MREP Datasheet
90Kb / 2P
DC/DC Power Switching Regulator
December 13, 2007
ISL8560MREP INTERSIL-ISL8560MREP Datasheet
100Kb / 2P
DC/DC Power Switching Regulator
November 11, 2011
More results


Similar Description - ISL8560MR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1156 FAIRCHILD-KSA1156 Datasheet
65Kb / 5P
High Voltage Switching Low Power Switching Regulator DC-DC Converter
logo
Toshiba Semiconductor
2SK4023 TOSHIBA-2SK4023 Datasheet
215Kb / 6P
Switching Regulator, DC/DC Converter
logo
Intersil Corporation
ISL8560MREP INTERSIL-ISL8560MREP Datasheet
90Kb / 2P
DC/DC Power Switching Regulator
December 13, 2007
ISL8540 INTERSIL-ISL8540 Datasheet
960Kb / 16P
DC/DC Power Switching Regulator
ISL8560 INTERSIL-ISL8560 Datasheet
1,023Kb / 17P
DC/DC Power Switching Regulator Voltage feedforward mode
September 19, 2008
logo
Toshiba Semiconductor
2SK4023 TOSHIBA-2SK4023_09 Datasheet
188Kb / 6P
Switching Regulator, DC/DC Converter
logo
Fairchild Semiconductor
KSA1156OS FAIRCHILD-KSA1156OS Datasheet
96Kb / 5P
High Voltage Switching Low Power Switching Regulator DC-DC Converter
logo
Intersil Corporation
ISL8560MR INTERSIL-ISL8560MR Datasheet
100Kb / 2P
DC/DC Power Switching Regulator
November 11, 2011
logo
Renesas Technology Corp
ISL8540 RENESAS-ISL8540 Datasheet
1Mb / 17P
DC/DC Power Switching Regulator
ISL8560 RENESAS-ISL8560 Datasheet
1Mb / 17P
DC/DC Power Switching Regulator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com