Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1464 Datasheet (PDF) - Maxim Integrated Products

MAX1464 Datasheet PDF - Maxim Integrated Products
Part # MAX1464
Download  MAX1464 Download
File Size   527.77 Kbytes
Page   47 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Low-Noise Multichannel Sensor Signal Processor

MAX1464 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1464 Datasheet PDF - Maxim Integrated Products

Part # MAX1464
Download  MAX1464 Click to download

File Size   527.77 Kbytes
Page   47 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Low-Noise Multichannel Sensor Signal Processor

MAX1464 Datasheet (HTML) - Maxim Integrated Products


MAX1464 Product details

General Description

The MAX1464 is a highly integrated, low-power, low noise multichannel sensor signal processor optimized for industrial, automotive, and process-control applications such as pressure sensing and compensation, RTD and thermocouple linearization, weight sensing and classification, and remote process monitoring with limit indication.



Features

♦ Programmable Amplification, Calibration, Linearization, and Temperature Compensation

♦ Two Differential or Four Single-Ended ADC Input Channels

♦ Accommodates Sensor Output Sensitivities from 1mV/V to 1V/V

♦ Two DAC/PWM Output Signal Channels

♦ Supports 4–20mA Current Loop Applications

♦ 4kB of FLASH Memory for Code and Coefficients

♦ 128 Bytes of FLASH Memory for User Information

♦ Integrated Temperature Sensing

♦ Flexible Dual Op-Amp Block

♦ Programmable Sensor Input Gain and Offset

♦ Programmable Sensor Sampling Rate and Resolution

♦ No External Trim Components Required




Similar Part No. - MAX1464

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464 Datasheet
639Kb / 14P
Spare Area for Simple-Circuit Breadboarding
Rev 0; 12/06
MAX1464 MAXIM-MAX1464 Datasheet
1Mb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
MAX14640 MAXIM-MAX14640 Datasheet
1Mb / 29P
USB Host Adapter Emulators
19-6472; Rev 4; 9/16
MAX14641 MAXIM-MAX14641 Datasheet
1Mb / 29P
USB Host Adapter Emulators
19-6472; Rev 4; 9/16
MAX14642 MAXIM-MAX14642 Datasheet
1Mb / 29P
USB Host Adapter Emulators
19-6472; Rev 4; 9/16
More results


Similar Description - MAX1464

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1463 MAXIM-MAX1463 Datasheet
432Kb / 49P
Low-Power Two-Channel Sensor Signal Processor
Rev 0; 8/02
logo
Analog Devices
ADIS16120 AD-ADIS16120 Datasheet
386Kb / 12P
Low Noise, Angular Rate Sensor
11/06-Rev. 0 to Rev. A
logo
List of Unclassifed Man...
DMR01 ETC2-DMR01 Datasheet
857Kb / 13P
Low Power Digital Multichannel Receiver
logo
Texas Instruments
ADS52J90 TI1-ADS52J90 Datasheet
4Mb / 149P
Multichannel, Low-Power, High-Speed ADC
LMP90100 TI1-LMP90100_16 Datasheet
1Mb / 74P
Sensor AFE System: Multichannel, Low-Power, 24-Bit Sensor AFE
logo
Winson Semiconductor Co...
WCS2801 WINSON-WCS2801 Datasheet
642Kb / 5P
Low noise analog signal path
logo
Shenzhen Titan Micro El...
TM2291 TITAN-TM2291 Datasheet
254Kb / 7P
Infrared Sensor Signal Processor
TM2292 TITAN-TM2292 Datasheet
429Kb / 9P
Infrared Sensor Signal Processor
logo
Curtis Electromusic.
CEM3387 CES-CEM3387 Datasheet
1Mb / 10P
LOW NOISE V.C SIGNAL PROCESSOR
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464_V01 Datasheet
1Mb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com