Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1463 Datasheet (PDF) - Maxim Integrated Products

MAX1463 Datasheet PDF - Maxim Integrated Products
Part # MAX1463
Download  MAX1463 Download
File Size   432.38 Kbytes
Page   49 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power Two-Channel Sensor Signal Processor

MAX1463 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1463 Datasheet PDF - Maxim Integrated Products

Part # MAX1463
Download  MAX1463 Click to download

File Size   432.38 Kbytes
Page   49 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power Two-Channel Sensor Signal Processor

MAX1463 Datasheet (HTML) - Maxim Integrated Products


MAX1463 Product details

General Description
The MAX1463 is a highly integrated, low-power, two-channel sensor signal processor optimized for industrial and process control applications such as pressure sensing and compensation, RTD and thermal-couple linearization, weight sensing and classification, and remote process monitoring with limit indication.

Features
♦ Programmable Amplification, Calibration, Linearization, and Temperature Compensation
♦ Two Differential or Four Single-Ended Sensor Input Channels
♦ Accommodates Sensor Output Sensitivities from 1mV/V to 1V/V
♦ Two DAC/PWM Output Signal Channels
♦ 4–20mA Output Capability
♦ 4kB of FLASH Memory for Code and Coefficients
♦ 128 Bytes of FLASH Memory for User Information
♦ Integrated Temperature Sensor
♦ Flexible Dual Op-Amp Blocks
♦ Programmable Sensor Input Gain and Offset
♦ Programmable Sensor Sampling Rate and Resolution
♦ Programmable Current Excitation Source for Bridge Sensors
♦ Buffered 1.25V Output Reference
♦ No External Trim Components Required

Applications
    Pressure Sensor Signal Conditioning
    Weight Measurement Systems
    Thermocouple and RTD Linearization
    Transducers and Transmitters
    Process Indicators
    Calibrators and Controllers
    GMR and MR Magnetic Direction Sensors




Similar Part No. - MAX1463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14630 MAXIM-MAX14630 Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14630EVKIT MAXIM-MAX14630EVKIT Datasheet
1Mb / 7P
Proven PCB Layou
2013
MAX14630EZK+T MAXIM-MAX14630EZK+T Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14632EZK+T MAXIM-MAX14632EZK+T Datasheet
1Mb / 8P
USB Charger Adapter Emulators
Rev 1; 3/13
MAX14634 MAXIM-MAX14634 Datasheet
1Mb / 8P
Ultra-Low On-Resistance and Compact Bidirectional Battery Switch
Rev 0; 6/12
More results


Similar Description - MAX1463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464 Datasheet
527Kb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
Rev 0; 2/05
logo
Texas Instruments
VSP2254 TI-VSP2254 Datasheet
124Kb / 14P
36-MHz SAMPLE TWO CHANNEL CCD SIGNAL PROCESSOR
logo
Zentrum Mikroelektronik...
ZMD31012 ZMD-ZMD31012 Datasheet
717Kb / 2P
Two low-cost sensor signal conditioners ZMD31010 chips in one package
logo
Exar Corporation
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
logo
ELMOS Semiconductor AG
E910.62 ELMOS-E910.62 Datasheet
650Kb / 7P
DUAL CHANNEL PIR SIGNAL PROCESSOR
E931.08 ELMOS-E931.08 Datasheet
700Kb / 9P
SINGLE CHANNEL SENSOR SIGNAL PROCESSOR
logo
Shenzhen Titan Micro El...
TM2291 TITAN-TM2291 Datasheet
254Kb / 7P
Infrared Sensor Signal Processor
TM2292 TITAN-TM2292 Datasheet
429Kb / 9P
Infrared Sensor Signal Processor
logo
Jingjing Microelectroni...
EG0001 EGMICRO-EG0001 Datasheet
993Kb / 10P
Thermal ElectrodynamIc Infrared Sensor Signal Processor
logo
Maxim Integrated Produc...
MAX1464 MAXIM-MAX1464_V01 Datasheet
1Mb / 47P
Low-Power, Low-Noise Multichannel Sensor Signal Processor
19-3579; Rev 1; 9/14
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com