Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7512 Datasheet (PDF) - Renesas Technology Corp

EL7512 Datasheet PDF - Renesas Technology Corp
Part # EL7512
Download  EL7512 Download
File Size   501.54 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Frequency PWM Step-Up Regulator

EL7512 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7512 Datasheet PDF - Renesas Technology Corp

Part # EL7512
Download  EL7512 Click to download

File Size   501.54 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Frequency PWM Step-Up Regulator

EL7512 Datasheet (HTML) - Renesas Technology Corp


EL7512 Product details

The EL7512 is a high frequency, high efficiency step-up DC:DC regulator operated at fixed frequency PWM mode. With an integrated 1A MOSFET, it can deliver up to 600mA output current at up to 90% efficiency. The adjustable switching frequency is up to 1.2MHz, making it ideal for DSL applications.

Features
• 90% efficiency
• Up to 600mA IOUT
• 5V < VOUT < 18V
• VIN > 2V
• Up to 1.2MHz adjustable frequency
• < 3µA shutdown current
• Adjustable soft-start
• Low battery detection
• Internal thermal protection
• 1.1mm max height 10-pin MSOP package
• Pb-Free available (RoHS compliant)

Applications
• 3V to 5V, 12V, and 18V converters
• 5V to 12V and 16V converters
• TFT-LCD
• DSL
• Portable equipment
• Desktop equipment




Similar Part No. - EL7512

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7512 INTERSIL-EL7512 Datasheet
249Kb / 8P
High Frequency PWM Step-Up Regulator
May 23, 2005
logo
Elantec Semiconductor
EL7512C ELANTEC-EL7512C Datasheet
1Mb / 9P
High Frequency PWM Step-Up Regulator
EL7512CY ELANTEC-EL7512CY Datasheet
1Mb / 9P
High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7512CY INTERSIL-EL7512CY Datasheet
249Kb / 8P
High Frequency PWM Step-Up Regulator
May 23, 2005
EL7512CY-T13 INTERSIL-EL7512CY-T13 Datasheet
249Kb / 8P
High Frequency PWM Step-Up Regulator
May 23, 2005
More results


Similar Description - EL7512

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7512C ELANTEC-EL7512C Datasheet
1Mb / 9P
High Frequency PWM Step-Up Regulator
logo
ON Semiconductor
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
logo
Intersil Corporation
EL7512 INTERSIL-EL7512 Datasheet
249Kb / 8P
High Frequency PWM Step-Up Regulator
May 23, 2005
EL7515 INTERSIL-EL7515 Datasheet
316Kb / 9P
High Frequency PWM Step-Up Regulator
May 13, 2005
EL7515 INTERSIL-EL7515_07 Datasheet
179Kb / 9P
High Frequency PWM Step-Up Regulator
August 10, 2007
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
logo
Seiko Instruments Inc
S8337 SII-S8337 Datasheet
2Mb / 51P
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Renesas Technology Corp
EL7515 RENESAS-EL7515 Datasheet
492Kb / 9P
High Frequency PWM Step-Up Regulator
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com