Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7512C Datasheet (PDF) - Elantec Semiconductor

EL7512C Datasheet PDF - Elantec Semiconductor
Part # EL7512C
Download  EL7512C Download
File Size   1052.8 Kbytes
Page   9 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description High Frequency PWM Step-Up Regulator

EL7512C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7512C Datasheet PDF - Elantec Semiconductor

Part # EL7512C
Download  EL7512C Click to download

File Size   1052.8 Kbytes
Page   9 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description High Frequency PWM Step-Up Regulator

EL7512C Datasheet (HTML) - Elantec Semiconductor


EL7512C Product details

General Description
The EL7512C is a high frequency, high efficiency step-up DC:DC regulator operated at fixed frequency PWM mode. With an integrated 1A MOSFET, it can deliver up to 600mA output current at up to 90% efficiency. The adjustable switching frequency is up to 1.2MHz, making it ideal for DSL applications.

Features
• 90% efficiency
• Up to 600mA IOUT
• 5V < VOUT < 18V
• VIN > 2V
• Up to 1.2MHz adjustable frequency
• < 3µA shutdown current
• Adjustable soft-start
• Low battery detection
• Internal thermal protection
• 1.1mm max height 10-pin MSOP package

Applications
• 3V to 5V, 12V, and 18V converters
• 5V to 12V and 16V converters
• TFT-LCD
• DSL
• Portable equipment
• Desktop equipment




Similar Part No. - EL7512C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7512CY INTERSIL-EL7512CY Datasheet
249Kb / 8P
High Frequency PWM Step-Up Regulator
May 23, 2005
logo
Renesas Technology Corp
EL7512CY RENESAS-EL7512CY Datasheet
501Kb / 8P
High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7512CY-T13 INTERSIL-EL7512CY-T13 Datasheet
249Kb / 8P
High Frequency PWM Step-Up Regulator
May 23, 2005
logo
Renesas Technology Corp
EL7512CY-T13 RENESAS-EL7512CY-T13 Datasheet
501Kb / 8P
High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7512CY-T7 INTERSIL-EL7512CY-T7 Datasheet
249Kb / 8P
High Frequency PWM Step-Up Regulator
May 23, 2005
More results


Similar Description - EL7512C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
logo
Intersil Corporation
EL7512 INTERSIL-EL7512 Datasheet
249Kb / 8P
High Frequency PWM Step-Up Regulator
May 23, 2005
EL7515 INTERSIL-EL7515 Datasheet
316Kb / 9P
High Frequency PWM Step-Up Regulator
May 13, 2005
EL7515 INTERSIL-EL7515_07 Datasheet
179Kb / 9P
High Frequency PWM Step-Up Regulator
August 10, 2007
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
logo
Seiko Instruments Inc
S8337 SII-S8337 Datasheet
2Mb / 51P
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Renesas Technology Corp
EL7515 RENESAS-EL7515 Datasheet
492Kb / 9P
High Frequency PWM Step-Up Regulator
EL7512 RENESAS-EL7512 Datasheet
501Kb / 8P
High Frequency PWM Step-Up Regulator
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com