Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6301V Datasheet (PDF) - Renesas Technology Corp

HIP6301V Datasheet PDF - Renesas Technology Corp
Part # HIP6301V
Download  HIP6301V Download
File Size   945.0 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller

HIP6301V Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP6301V Datasheet PDF - Renesas Technology Corp

Part # HIP6301V
Download  HIP6301V Click to download

File Size   945.0 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller

HIP6301V Datasheet (HTML) - Renesas Technology Corp


HIP6301V Product details

The HIP6301V and HIP6302V control microprocessor CORE voltage regulation by driving up to four synchronous-rectified buck channels in parallel. Multiphase buck converter architecture uses interleaved timing to multiply ripple frequency and reduce input and output ripple currents. Lower ripple results in fewer components, lower component cost, reduced power dissipation, and a smaller implementation area. The HIP6301V is a versatile 2- to 4-phase controller and the HIP6302V is a cost-saving dedicated 2-phase controller.

Features
• Multi-Phase Power Conversion
• Precision CORE Voltage Regulation
    - ±0.8% System Accuracy Over-Temperature
• Microprocessor Voltage Identification Input
    - Dynamic-VID Technology
    - 5-bit VID Decoder
• Precision Channel-Current Balance
• Overcurrent Protection
• Lossless Current Sensing
• Programmable “Droop” Voltage
• Fast Transient Response
• Selection of 2-, 3-, or 4-Phase Operation
• High Ripple Frequency (100kHz to 6MHz)
• Pb-Free Available (RoHS Compliant)




Similar Part No. - HIP6301V

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6301V INTERSIL-HIP6301V Datasheet
449Kb / 20P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6301VCB INTERSIL-HIP6301VCB Datasheet
449Kb / 20P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6301VCBZ INTERSIL-HIP6301VCBZ Datasheet
449Kb / 20P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6301VCBZA INTERSIL-HIP6301VCBZA Datasheet
449Kb / 20P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Similar Description - HIP6301V

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6301 INTERSIL-HIP6301 Datasheet
191Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
2000 03
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
August 2004
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
logo
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com