Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7663S Datasheet (PDF) - Renesas Technology Corp

ICL7663S Datasheet PDF - Renesas Technology Corp
Part # ICL7663S
Download  ICL7663S Download
File Size   421.94 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Programmable Micropower Positive Voltage Regulator

ICL7663S Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7663S Datasheet PDF - Renesas Technology Corp

Part # ICL7663S
Download  ICL7663S Click to download

File Size   421.94 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Programmable Micropower Positive Voltage Regulator

ICL7663S Datasheet (HTML) - Renesas Technology Corp


ICL7663S Product details

The ICL7663S Super Programmable Micropower Voltage Regulator is a low power, high efficiency positive voltage regulator which accepts 1.6V to 16V inputs and provides adjustable outputs from 1.3V to 16V at currents up to 40mA.

Features
• Guaranteed 10A Maximum Quiescent Current Over All
   Temperature Ranges
• Wider Operating Voltage Range - 1.6V to 16V
• Guaranteed Line and Load Regulation Over Entire
   Operating Temperature Range Optional
• 1% Output Voltage Accuracy (ICL7663SA)
• Output Voltage Programmable from 1.3V to 16V
• Improved Temperature Coefficient of Output Voltage
• 40mA Minimum Output Current with Current Limiting
• Output Voltages with Programmable Negative
   Temperature Coefficients
• Output Shutdown via Current-Limit Sensing or External
   Logic Level
• Low Input-to-Output Voltage Differential
• Improved Direct Replacement for Industry Standard
   ICL7663B and Other Second-Source Products
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Low-Power Portable Instrumentation
• Pagers
• Handheld Instruments
• LCD Display Modules
• Remote Data Loggers
• Battery-Powered Systems




Similar Part No. - ICL7663S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7663S INTERSIL-ICL7663S Datasheet
158Kb / 7P
CMOS Programmable Micropower Positive Voltage Regulator
April 1999
ICL7663S INTERSIL-ICL7663S Datasheet
220Kb / 8P
CMOS Programmable Micropower Positive Voltage Regulator
July 21, 2005
ICL7663S INTERSIL-ICL7663S Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ICL7663S INTERSIL-ICL7663S Datasheet
220Kb / 8P
CMOS Programmable Micropower Positive Voltage Regulator
October 2, 2015
ICL7663SACBA INTERSIL-ICL7663SACBA Datasheet
158Kb / 7P
CMOS Programmable Micropower Positive Voltage Regulator
April 1999
More results


Similar Description - ICL7663S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7663S INTERSIL-ICL7663S Datasheet
158Kb / 7P
CMOS Programmable Micropower Positive Voltage Regulator
April 1999
logo
Maxim Integrated Produc...
ICL7663 MAXIM-ICL7663 Datasheet
349Kb / 8P
Programmable Positive Voltage Regulator
19-0961; Rev 1; 4/94
logo
Intersil Corporation
ICL7663S INTERSIL-ICL7663S_05 Datasheet
220Kb / 8P
CMOS Programmable Micropower Positive Voltage Regulator
July 21, 2005
logo
GTM CORPORATION
G62FP GTM-G62FP Datasheet
1,002Kb / 7P
CMOS Positive Voltage Regulator
GL2136 GTM-GL2136 Datasheet
331Kb / 4P
CMOS POSITIVE VOLTAGE REGULATOR
GM62FP GTM-GM62FP Datasheet
1Mb / 7P
CMOS POSITIVE VOLTAGE REGULATOR
GQ2123 GTM-GQ2123 Datasheet
542Kb / 7P
CMOS POSITIVE VOLTAGE REGULATOR
GT2133 GTM-GT2133 Datasheet
437Kb / 7P
CMOS POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S5M2111 SECOS-S5M2111 Datasheet
1Mb / 5P
CMOS Positive Voltage Regulator
logo
Intersil Corporation
ICL7663S INTERSIL-ICL7663S_15 Datasheet
220Kb / 8P
CMOS Programmable Micropower Positive Voltage Regulator
October 2, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com