Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7663S Datasheet (PDF) - Intersil Corporation

ICL7663S Datasheet PDF - Intersil Corporation
Part # ICL7663S
Download  ICL7663S Download
File Size   220.05 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Programmable Micropower Positive Voltage Regulator

ICL7663S Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7663S Datasheet PDF - Intersil Corporation

Part # ICL7663S
Download  ICL7663S Click to download

File Size   220.05 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Programmable Micropower Positive Voltage Regulator

ICL7663S Datasheet (HTML) - Intersil Corporation


ICL7663S Product details

The ICL7663S Super Programmable Micropower Voltage
Regulator is a low power, high efficiency positive voltage
regulator which accepts 1.6V to 16V inputs and provides
adjustable outputs from 1.3V to 16V at currents up to 40mA.
It is a direct replacement for the industry standard ICL7663B
offering wider operating voltage and temperature ranges,
improved output accuracy (ICL7663SA), better temperature
coefficient, guaranteed maximum supply current, and
guaranteed line and load regulation. All improvements are
highlighted in the electrical characteristics section. Critical
parameters are guaranteed over the entire commercial
and industrial temperature ranges. The ICL7663S/SA
programmable output voltage is set by two external
resistors. The 1% reference accuracy of the ICL7663SA
eliminates the need for trimming the output voltage in most
applications.
The ICL7663S is well suited for battery powered supplies,
featuring 4A quiescent current, low VIN to VOUT differential,
output current sensing and logic input level shutdown
control. In addition, the ICL7663S has a negative
temperature coefficient output suitable for generating a
temperature compensated display drive voltage for LCD
displays.

Features
• Guaranteed 10A Maximum Quiescent Current Over All
Temperature Ranges
• Wider Operating Voltage Range - 1.6V to 16V
• Guaranteed Line and Load Regulation Over Entire
Operating Temperature Range Optional
• 1% Output Voltage Accuracy (ICL7663SA)
• Output Voltage Programmable from 1.3V to 16V
• Improved Temperature Coefficient of Output Voltage
• 40mA Minimum Output Current with Current Limiting
• Output Voltages with Programmable Negative
Temperature Coefficients
• Output Shutdown via Current-Limit Sensing or External
Logic Level
• Low Input-to-Output Voltage Differential
• Improved Direct Replacement for Industry Standard
ICL7663B and Other Second-Source Products
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Low-Power Portable Instrumentation
• Pagers
• Handheld Instruments
• LCD Display Modules
• Remote Data Loggers
• Battery-Powered Systems




Similar Part No. - ICL7663S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7663S INTERSIL-ICL7663S Datasheet
158Kb / 7P
CMOS Programmable Micropower Positive Voltage Regulator
April 1999
ICL7663S INTERSIL-ICL7663S Datasheet
220Kb / 8P
CMOS Programmable Micropower Positive Voltage Regulator
July 21, 2005
ICL7663S INTERSIL-ICL7663S Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ICL7663S RENESAS-ICL7663S Datasheet
421Kb / 8P
CMOS Programmable Micropower Positive Voltage Regulator
logo
Intersil Corporation
ICL7663SACBA INTERSIL-ICL7663SACBA Datasheet
158Kb / 7P
CMOS Programmable Micropower Positive Voltage Regulator
April 1999
More results


Similar Description - ICL7663S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7663S INTERSIL-ICL7663S Datasheet
158Kb / 7P
CMOS Programmable Micropower Positive Voltage Regulator
April 1999
logo
Maxim Integrated Produc...
ICL7663 MAXIM-ICL7663 Datasheet
349Kb / 8P
Programmable Positive Voltage Regulator
19-0961; Rev 1; 4/94
logo
Intersil Corporation
ICL7663S INTERSIL-ICL7663S_05 Datasheet
220Kb / 8P
CMOS Programmable Micropower Positive Voltage Regulator
July 21, 2005
logo
GTM CORPORATION
G62FP GTM-G62FP Datasheet
1,002Kb / 7P
CMOS Positive Voltage Regulator
GL2136 GTM-GL2136 Datasheet
331Kb / 4P
CMOS POSITIVE VOLTAGE REGULATOR
GM62FP GTM-GM62FP Datasheet
1Mb / 7P
CMOS POSITIVE VOLTAGE REGULATOR
GQ2123 GTM-GQ2123 Datasheet
542Kb / 7P
CMOS POSITIVE VOLTAGE REGULATOR
GT2133 GTM-GT2133 Datasheet
437Kb / 7P
CMOS POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S5M2111 SECOS-S5M2111 Datasheet
1Mb / 5P
CMOS Positive Voltage Regulator
logo
Renesas Technology Corp
ICL7663S RENESAS-ICL7663S Datasheet
421Kb / 8P
CMOS Programmable Micropower Positive Voltage Regulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com