Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP202A Datasheet (PDF) - Toshiba Semiconductor

TLP202A Datasheet PDF - Toshiba Semiconductor
Part # TLP202A
Download  TLP202A Download
File Size   105.87 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler Photorelay

TLP202A Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP202A Datasheet PDF - Toshiba Semiconductor

Part # TLP202A
Download  TLP202A Click to download

File Size   105.87 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler Photorelay

TLP202A Datasheet (HTML) - Toshiba Semiconductor


TLP202A Product details

Telecommunications
Measurement and Control Equipment
Data Acquisition System
Measurement Equipment

The Toshiba TLP202A consists of a gallium arsenide infrared emitting diode optically coupled to a photo-MOSFET in an 8-pin SOP package. This photorelay has higher output current rating than phototransistor-type photocoupler; hence, it is suitable for use as On/Off control for high current.

•  8-pin SOP (2.54SOP8): Height = 2.1 mm, pitch = 2.54 mm
•  Normally open (1-form-A) device
•  Peak off-state voltage: 60 V (min)
•  Trigger LED current: 3 mA (max)
•  On-state current: 400 mA (max)
•  On-state resistance: 2 Ω(max)
•  Isolation voltage: 1500 Vrms (min)




Similar Part No. - TLP202A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP202A TOSHIBA-TLP202A Datasheet
160Kb / 4P
Measurement and Control Equipment
01-Oct-2007
TLP202A TOSHIBA-TLP202A_07 Datasheet
160Kb / 4P
Measurement and Control Equipment
01-Oct-2007
TLP202A TOSHIBA-TLP202A_14 Datasheet
234Kb / 6P
Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
More results


Similar Description - TLP202A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP176GA TOSHIBA-TLP176GA Datasheet
158Kb / 6P
TOSHIBA Photocoupler Photorelay
08-Jan-2002
TLP174GA TOSHIBA-TLP174GA Datasheet
139Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP172G TOSHIBA-TLP172G Datasheet
138Kb / 6P
TOSHIBA Photocoupler Photorelay
18-Apr-2002
TLP4027G TOSHIBA-TLP4027G Datasheet
164Kb / 7P
TOSHIBA Photocoupler Photorelay
TLP202G TOSHIBA-TLP202G Datasheet
131Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP4197G TOSHIBA-TLP4197G Datasheet
156Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTORELAY
TLP592A TOSHIBA-TLP592A_14 Datasheet
250Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP4597G TOSHIBA-TLP4597G_14 Datasheet
250Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP170A TOSHIBA-TLP170A Datasheet
350Kb / 6P
TOSHIBA Photocoupler Photorelay
2019-06-17
TLX9160T TOSHIBA-TLX9160T Datasheet
511Kb / 7P
TOSHIBA Photocoupler Photorelay
2021-04-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com