Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6224 Datasheet (PDF) - Renesas Technology Corp

ISL6224 Datasheet PDF - Renesas Technology Corp
Part # ISL6224
Download  ISL6224 Download
File Size   619.05 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Output Mobile-Friendly PWM Controller

ISL6224 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6224 Datasheet PDF - Renesas Technology Corp

Part # ISL6224
Download  ISL6224 Click to download

File Size   619.05 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Output Mobile-Friendly PWM Controller

ISL6224 Datasheet (HTML) - Renesas Technology Corp


ISL6224 Product details

Single Output Mobile-Friendly PWM Controller

The ISL6224 provides power control and protection for a single, adjustable output voltage required to power chip-sets and memory banks in high-performance notebooks and PDAs. This output voltage is adjustable in the range from 0.9-5.5V.

Features
• Adjustable output voltgage: 0.9-5.5V
• High efficiency over wide load range
    - Higher efficiency in hysteretic mode at light load
• Lossless current sense scheme
    - Uses MOSFET’s rDS(ON)
    - Optional current sense method higher precision
• Supply operation mode
    - Wide VIN range: 4V-24V
    - Single 5V system rail
• Input undervoltage lock-out on VCC pin (UVLO)
• Excellent dynamic response
    - Combined voltage feed-forward and current mode control
• Power-good indicator
• 300/600kHz switching frequency
• Thermal shut-down
• Pb-free plus anneal available (RoHS compliant)

Applications
• Mobile PCs
• Graphic cards
• Hand-held portable instruments




Similar Part No. - ISL6224

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224 Datasheet
378Kb / 13P
Single Output Mobile-Friendly PWM Controller
December 28, 2004
ISL6224 INTERSIL-ISL6224 Datasheet
248Kb / 13P
Single Output Mobile-Friendly PWM Controller
June 8, 2006
ISL6224CA INTERSIL-ISL6224CA Datasheet
378Kb / 13P
Single Output Mobile-Friendly PWM Controller
December 28, 2004
ISL6224CA INTERSIL-ISL6224CA Datasheet
248Kb / 13P
Single Output Mobile-Friendly PWM Controller
June 8, 2006
ISL6224CA-T INTERSIL-ISL6224CA-T Datasheet
378Kb / 13P
Single Output Mobile-Friendly PWM Controller
December 28, 2004
More results


Similar Description - ISL6224

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
Mobile-Friendly PWM/PFM Controller
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224 Datasheet
378Kb / 13P
Single Output Mobile-Friendly PWM Controller
December 28, 2004
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
Dual Mobile-Friendly PWM Controller with DDR Option
May 4, 2009
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224_06 Datasheet
248Kb / 13P
Single Output Mobile-Friendly PWM Controller
June 8, 2006
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234_10 Datasheet
392Kb / 15P
Dual Mobile-Friendly PWM / PFM Controller
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
Dual Mobile-Friendly PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com