Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7108 Datasheet (PDF) - Anpec Electronics Coropration

APW7108 Datasheet PDF - Anpec Electronics Coropration
Part # APW7108
Download  APW7108 Download
File Size   746.48 Kbytes
Page   28 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual Mobile-Friendly PWM Controller

APW7108 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7108 Datasheet PDF - Anpec Electronics Coropration

Part # APW7108
Download  APW7108 Click to download

File Size   746.48 Kbytes
Page   28 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual Mobile-Friendly PWM Controller

APW7108 Datasheet (HTML) - Anpec Electronics Coropration


APW7108 Product details

General Description

The APW7108 is a dual-channel, constant on-time, and synchronous PWM controller which drives dual N-channel MOSFETs for each channel. The APW7108 steps down high voltage of a battery to generate low-voltage chipset or RAM supplies in notebook computers.



Features

· Adjustable Output Voltage up to 5.5V

- 0.9V Reference Voltage

- ±1% Accuracy Over Temperature

· Operates from an Input Battery Voltage Range of 5V to 24V or from 3.3V/5V System Rail

· Power-On-Reset Monitoring on VCC Pin

· Selectable Forced PWM or Automatic PFM/PWM Mode

· Constant-On-Time Control Scheme

- Switching Frequency Compensation for PWM Mode

- Constant Switching Frequency (CH1: 345kHz, CH2: 255KHz) in PWM Mode with DC Output Current

· Excellent Line and Load Transient Responses

· Adjustable Soft-Start and Soft-Stop

· Power-Good Outputs for both Channels

· Adjustable Current-Limit Protection

- Using Sense Resistor or MOSFET’s RDS(ON)

· 115% Over-Voltage Protection

- No Negative Output Voltage Occurred

· 70% Under-Voltage Protection

· Adaptive Dead-Time Control

- Sensing G-to-S Voltage of Power MOSFETs

· Shutdown Control for both Channels

· 28-pin SSOP (SSOP-28) and 4mmx4mm 24-lead QFN (QFN4x4-24) Packages

· Lead Free and Green Devices Available (RoHS Compliant)



Applications

· Note Book Computers

- Chipset/RAM Supplies as low as 0.9V

- 1.8V and 2.5V Supplies

· Step-Down Converters Requiring High Efficiency




Similar Part No. - APW7108

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
1.5MHz, 600mA, Synchronous Buck Regulator
APW7101-15 ANPEC-APW7101-15 Datasheet
341Kb / 16P
1.5MHz, 600mA, Synchronous Buck Regulator
APW7101-15BI-TRG ANPEC-APW7101-15BI-TRG Datasheet
341Kb / 16P
1.5MHz, 600mA, Synchronous Buck Regulator
APW7101-15BI-TRL ANPEC-APW7101-15BI-TRL Datasheet
341Kb / 16P
1.5MHz, 600mA, Synchronous Buck Regulator
APW7101-18 ANPEC-APW7101-18 Datasheet
341Kb / 16P
1.5MHz, 600mA, Synchronous Buck Regulator
More results


Similar Description - APW7108

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
Mobile-Friendly PWM/PFM Controller
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
Dual Mobile-Friendly PWM Controller with DDR Option
May 4, 2009
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
Dual Mobile-Friendly PWM Controller with DDR Option
December 21, 2006
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234_10 Datasheet
392Kb / 15P
Dual Mobile-Friendly PWM / PFM Controller
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
Renesas Technology Corp
ISL6224 RENESAS-ISL6224 Datasheet
619Kb / 13P
Single Output Mobile-Friendly PWM Controller
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
Dual Mobile-Friendly PWM Controller with DDR Option
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com