Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6227 Datasheet (PDF) - Renesas Technology Corp

ISL6227 Datasheet PDF - Renesas Technology Corp
Part # ISL6227
Download  ISL6227 Download
File Size   1451.2 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Mobile-Friendly PWM Controller with DDR Option

ISL6227 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6227 Datasheet PDF - Renesas Technology Corp

Part # ISL6227
Download  ISL6227 Click to download

File Size   1451.2 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Mobile-Friendly PWM Controller with DDR Option

ISL6227 Datasheet (HTML) - Renesas Technology Corp


ISL6227 Product details

Dual Mobile-Friendly PWM Controller with DDR Option

The ISL6227 dual PWM controller delivers high efficiency precision voltage regulation from two synchronous buck DC/DC converters. It was designed especially to provide power regulation for DDR memory, chipsets, graphics and other system electronics in Notebook PCs. The ISL6227’s wide input voltage range capability allows for voltage conversion directly from AC/DC adaptor or Li-Ion battery pack.

Features
• Provides Regulated Output Voltage in the Range 0.9V to 5.5V
• Operates From an Input Battery Voltage Range of 5V to 28V or From 3.3V/5V System Rail
• Complete DDR1 and DDR2 Memory Power Solution with VTT Tracking VDDQ/2 and a VDDQ/2 Buffered Reference Output
• Flexible PWM or HYS Plus PWM Mode Selection with HYS Diode Emulation at Light Loads for Higher System Efficiency
• rDS(ON) Current Sensing
• Excellent Dynamic Response With Voltage Feed-Forward and Current Mode Control Accommodating Wide Range LC Filter Selections
• Undervoltage Lock-Out on VCC Pin
• Power-Good, Overcurrent, Overvoltage, Undervoltage Protection for Both Channels
• Synchronized 300kHz PWM Operation in PWM Mode
• Pb-Free Available (RoHS compliant)

Applications
• Notebook PCs and Desknotes
• Tablet PCs/Slates
• Hand-Held Portable Instruments




Similar Part No. - ISL6227

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
Dual Mobile-Friendly PWM Controller with DDR Option
May 4, 2009
ISL6227 INTERSIL-ISL6227 Datasheet
861Kb / 28P
Dual Mobile-Friendly PWM Controller with DDR Option
December 21, 2006
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227CA INTERSIL-ISL6227CA Datasheet
897Kb / 26P
Dual Mobile-Friendly PWM Controller with DDR Option
May 4, 2009
ISL6227CA INTERSIL-ISL6227CA Datasheet
861Kb / 28P
Dual Mobile-Friendly PWM Controller with DDR Option
December 21, 2006
More results


Similar Description - ISL6227

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6225 INTERSIL-ISL6225 Datasheet
522Kb / 19P
Dual Mobile-Friendly PWM Controller with DDR Memory Option
December 28, 2004
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
Dual Mobile-Friendly PWM Controller with DDR Option
May 4, 2009
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
Dual Mobile-Friendly PWM Controller with DDR Option
December 21, 2006
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
Dual Mobile-Friendly PWM Controller with DDR Option
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
Dual Mobile-Friendly PWM Controller
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com