Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7108 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7108
Description  Dual Mobile-Friendly PWM Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7108 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7108 Datasheet HTML 1Page - Anpec Electronics Coropration APW7108 Datasheet HTML 2Page - Anpec Electronics Coropration APW7108 Datasheet HTML 3Page - Anpec Electronics Coropration APW7108 Datasheet HTML 4Page - Anpec Electronics Coropration APW7108 Datasheet HTML 5Page - Anpec Electronics Coropration APW7108 Datasheet HTML 6Page - Anpec Electronics Coropration APW7108 Datasheet HTML 7Page - Anpec Electronics Coropration APW7108 Datasheet HTML 8Page - Anpec Electronics Coropration APW7108 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2009
APW7108
www.anpec.com.tw
2
Pin Configuration
Ordering and Marking Information
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VCC
VCC Supply Voltage (VCC to GND)
-0.3 ~ 7
V
VIN
Input Power Voltage (VIN to GND)
-0.3 ~ 28
V
VBOOT
BOOT Supply Voltage (BOOT to PHASE)
-0.3 ~ 7
V
VBOOT-GND
BOOT Supply Voltage (BOOT to GND)
-0.3 ~ 35
V
UGATE Voltage (UGATE to PHASE)
<400ns pulse width
>400ns pulse width
-5 ~ VBOOT+0.3
-0.3 ~ VBOOT+0.3
V
LGATE Voltage (LGATE to GND)
<400ns pulse width
>400ns pulse width
-5 ~ VCC+0.3
-0.3 ~ VCC+0.3
V
18 UGATE2
ISEN1 3
17 BOOT2
BOOT1 2
16 ISEN2
14 VOUT2
EN1 4
VOUT1 5
UGATE1 1
15 EN2
VSEN1 6
13 VSEN2
Backside
Exposed Pad
APW7108 (QFN4x4-24)
Top View
24
23
22
25
26
27
28
1
2
3
4
5
6
7
8
9
10
19
20
21
VCC
LGATE2
PGND2
PHASE2
UGATE2
BOOT2
ISEN2
EN2
VOUT2
VSEN2
GND
LGATE1
PGND1
PHASE1
UGATE1
BOOT1
ISEN1
EN1
VOUT1
VSEN1
11
12
13
14
OCSET1
SOFT1
NC
VIN
18
15
16
17
OCSET2
SOFT2
PG2
PG1
APW7108 (SSOP-28)
Top View
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish;
which are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-
020C for MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and
halogen free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed
1500ppm by weight).
APW7108
°
Handling Code
Temperature Range
Package Code
Assembly Material
APW7108 N :
XXXXX - Date Code
APW7108
XXXXX
APW7108 QA :
APW7108
XXXXX
XXXXX - Date Code
Package Code
N : SSOP-28
QA: QFN4x4-24
Operating Ambient Temperature Range
I : -40 to 85 C
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com