Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7108 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW7108
Description  Dual Mobile-Friendly PWM Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7108 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW7108 Datasheet HTML 9Page - Anpec Electronics Coropration APW7108 Datasheet HTML 10Page - Anpec Electronics Coropration APW7108 Datasheet HTML 11Page - Anpec Electronics Coropration APW7108 Datasheet HTML 12Page - Anpec Electronics Coropration APW7108 Datasheet HTML 13Page - Anpec Electronics Coropration APW7108 Datasheet HTML 14Page - Anpec Electronics Coropration APW7108 Datasheet HTML 15Page - Anpec Electronics Coropration APW7108 Datasheet HTML 16Page - Anpec Electronics Coropration APW7108 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2009
APW7108
www.anpec.com.tw
13
Pin Description (Cont.)
PIN
QFN-24
SSOP-28
NAME
FUNCTION
-
11
OCSET1
Current-limit threshold setting pin (PWM1). This pin is a buffered 0.9V internal reference
voltage. A resistor from this pin to the ground sets the current limit threshold for the
converter.
8
12
SOFT1
Soft-start and soft-stop interval setting pin. The SOFT1 pin can source 4.5µA in soft-start
process or sink 2.2
µA in soft-stop process. The SOFT1 current charges or discharges
the capacitor connected from the pin to the GND. The output voltage of the converter
follows the ramping-up/down voltage on the SOFT1 pin in the soft-start/soft-stop process
with the SOFT1 pin voltage as reference. When the SOFT1 pin voltage is higher than
internal reference 0.9V, the error amplifier will use the reference to regulate output
voltage. In the event of under-voltage, or EN1 shutdown, the SOFT1 is used by the
soft-stop function and then pulled down though a 2K resistor to the ground after the
falling SOFT1 voltage reaches about 50mV threshold. In soft-stop process, the converter
only has sinking capability even though the output voltage is below the regulated
voltage.
-
13
NC
No comment
9
14
VIN
Battery voltage input pin.
10
15
PG1
Power-good output pin of PWM 1. PGOOD1 is an open drain output used to indicate the
status of the output voltage. This pin is pulled low when the PWM 1 Converter output is
out of -11% ~ +15% of the set value.
11
16
PG2
Power-good output pin of PWM 2. The function is same as the PG1 pin.
12
17
SOFT2
Soft-start and soft-stop interval setting pin. The function is the same as the SOFT1 pin.
-
18
OCSET2
Current-limit threshold setting pin (PWM 2). This pin is a buffered 0.9V internal reference
voltage. A resistor from this pin to ground sets the current-limit threshold for the
converter.
13
19
VSEN2
Output voltage feedback pin. This pin is connected to the resistive divider that set the
desired output voltage for PWM 2. The PGOOD, UVP, and OVP circuits use this signal to
report output voltage status.
14
20
VOUT2
Selection pin for PWM 2 controller to operate in either forced PWM or automatic
PFM/PWM mode.
15
21
EN2
Enable pin of the PWM 2 controller. The PWM 2 is enabled when EN2 = 1. When both
EN1 and EN2 are low, the chip is disabled and only low leakage current is taken from
VCC and VIN.
16
22
ISEN2
Current sense pin (PWM 2). This pin has the same function as ISEN1.
17
23
BOOT2
Supply Input for the UGATE2 Gate Driver and an internal level-shift circuit. Its function is
same as BOOT1.
18
24
UGATE2
Output of the high-side MOSFET driver (PWM 2). Connect this pin to Gate of the
high-side MOSFET.
19
25
PHASE2
Junction point of the high-side MOSFET source, output filter inductor and the low-side
MOSFET Drain. Connect this pin to the Source of the high-side MOSFET. PHASE2
serves as the lower supply rail for the UGATE2 high-side gate driver.
-
26
PGND2
Power ground of the LGATE2 low-side MOSFET driver. Connect the pin to the Source of
the low-side MOSFET.
20
27
LGATE2
Output of the low-side MOSFET driver (PWM 2). Connect this pin to Gate of the low-side
MOSFET. Swings from PGND2 or PGND to VCC.
21
28
VCC
Supply voltage input pin for control circuitry and both low-side MOSFET drivers.
7
-
OCSET
Current limit threshold setting pin for PWM1 and PWM 2. This pin is a buffered 0.9V
internal reference voltage. A resistor from this pin to the ground sets the current-limit
threshold for the converter.
Thermal
Pad
-
PGND
Power ground of the both channels’low-side MOSFET drivers. Connect the Sources of
the both channels' low-side MOSFETs to the IC thermal pad as close as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com