Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7101 Datasheet (PDF) - Anpec Electronics Coropration

APW7101 Datasheet PDF - Anpec Electronics Coropration
Part # APW7101
Download  APW7101 Download
File Size   341.09 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1.5MHz, 600mA, Synchronous Buck Regulator

APW7101 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7101 Datasheet PDF - Anpec Electronics Coropration

Part # APW7101
Download  APW7101 Click to download

File Size   341.09 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1.5MHz, 600mA, Synchronous Buck Regulator

APW7101 Datasheet (HTML) - Anpec Electronics Coropration


APW7101 Product details

General Description
The APW7101 is a high efficiency monolithic synchronous buck regulator. APW7101 operates with a constant 1.5MHz switching frequency and using the inductor current as a controlled quantity in the current mode architecture. The device is available in an adjustable version and fixed output voltages of 1.5V and 1.8V. The 2.5V to 5.5V input voltage range makes the APW7101 ideally suited for single Li-Ion battery powered applications.

Features
• 600mA Output Current
• 2.5V to 5.5V Input Voltage Range
• 1.5MHz Constant Frequency Operation
• Low Dropout Operation at 100% Duty Cycle
• Synchronous Topology: No Schottky Diode Required
• 0.6V Low Reference Voltage
• Shutdown Mode Supply Current Under 1μA
• Current Mode Operation for Excellent Line and Load Transient Response
• Over-Temperature Protection
• Over Current Protection
• SOT-23-5 Package
• Lead Free and Green Devices Available (RoHS Compliant)

Applications
• Cellular Telephones
• Personal Information Appliances
• Wireless and DSL Modems
• MP3 Players
• Digital Still Cameras
• Portable Instruments




Similar Part No. - APW7101

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7104 ANPEC-APW7104 Datasheet
288Kb / 18P
1.5MHz, 1A Synchronous Buck Regulator
APW7104A ANPEC-APW7104A Datasheet
267Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW7104ABI-TRG ANPEC-APW7104ABI-TRG Datasheet
267Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW7104BI-TRG ANPEC-APW7104BI-TRG Datasheet
288Kb / 18P
1.5MHz, 1A Synchronous Buck Regulator
APW7104BTI-TRG ANPEC-APW7104BTI-TRG Datasheet
288Kb / 18P
1.5MHz, 1A Synchronous Buck Regulator
More results


Similar Description - APW7101

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
1.5MHz, 600mA Synchronous Buck Regulator
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
282Kb / 7P
600mA / 1.5MHz Synchronous Buck Converter
logo
AMETHERM Circuit Protec...
AME5258 AMETHERM-AME5258 Datasheet
297Kb / 17P
1.5MHz, 600mA Synchronous Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
1.5MHz, 600mA Synchronous Buck Converter
AME5248A AME-AME5248A Datasheet
274Kb / 20P
1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
1.5MHz, 600mA Synchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406_08 Datasheet
284Kb / 7P
600mA / 1.5MHz Synchronous Buck Converter
TS3406 TSC-TS3406_13 Datasheet
116Kb / 7P
600mA / 1.5MHz Synchronous Buck Converter
logo
Analog Microelectronics
AME5249A AME-AME5249A Datasheet
301Kb / 21P
1.5MHz, 600mA Synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com