Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7104A Datasheet (PDF) - Anpec Electronics Coropration

APW7104A Datasheet PDF - Anpec Electronics Coropration
Part # APW7104A
Download  APW7104A Download
File Size   267.73 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1.5MHz, 1A Synchronous Buck Regulator

APW7104A Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7104A Datasheet PDF - Anpec Electronics Coropration

Part # APW7104A
Download  APW7104A Click to download

File Size   267.73 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1.5MHz, 1A Synchronous Buck Regulator

APW7104A Datasheet (HTML) - Anpec Electronics Coropration


APW7104A Product details

General  Description

APW7104A is a 1.5MHz high efficiency monolithic synchronous buck regulator. Design with current mode scheme, the APW7104A is stable with ceramic output capacitor. Input voltage from 2.7V to 6.0V makes the APW7104A ideally suited for single Li-Ion battery pow ered applications.



Features

• 1A Output Current

• Wide 2.7V~6.0V Input Voltage

• Fixed 1.5MHz Switching Frequency

• Low Dropout Operating at 100% Duty Cycle

• Integrate Synchronous Rectifier

• 0.6V Reference Voltage

• Current-Mode  Operation  with  Internal Compensation

- Stable with Ceramic Output Capacitors

- Fast Line Transient Response

• Short-Circuit Protection

• Over-Temperature Protection with Hysteresis

• Available in SOT-23-5 Packages

• Lead Free and Green Devices Available

(RoHS Compliant)



Applications

• HD STB

• BT Mouse

• PND Instrument

• Portable Instrument




Similar Part No. - APW7104A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7104 ANPEC-APW7104 Datasheet
288Kb / 18P
1.5MHz, 1A Synchronous Buck Regulator
APW7104BI-TRG ANPEC-APW7104BI-TRG Datasheet
288Kb / 18P
1.5MHz, 1A Synchronous Buck Regulator
APW7104BTI-TRG ANPEC-APW7104BTI-TRG Datasheet
288Kb / 18P
1.5MHz, 1A Synchronous Buck Regulator
More results


Similar Description - APW7104A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3410 TSC-TS3410 Datasheet
322Kb / 7P
1A / 1.5MHz Synchronous Buck Converter
logo
Anpec Electronics Corop...
APW7104 ANPEC-APW7104 Datasheet
288Kb / 18P
1.5MHz, 1A Synchronous Buck Regulator
APW7178 ANPEC-APW7178 Datasheet
274Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW7178A ANPEC-APW7178A Datasheet
266Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW7290 ANPEC-APW7290 Datasheet
316Kb / 18P
1.5MHz, 1A Synchronous Buck Regulator
APW8824 ANPEC-APW8824 Datasheet
518Kb / 19P
1.5MHz, 1A Synchronous Buck Regulator
APW7505 ANPEC-APW7505 Datasheet
286Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW7506A ANPEC-APW7506A Datasheet
220Kb / 19P
1.5MHz, 1A Synchronous Buck Regulator
APW7506C ANPEC-APW7506C Datasheet
309Kb / 20P
1.5MHz, 1A Synchronous Buck Regulator
APW7507C ANPEC-APW7507C Datasheet
308Kb / 20P
1.5MHz, 1A Synchronous Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com