Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7104 Datasheet (PDF) - Anpec Electronics Coropration

APW7104 Datasheet PDF - Anpec Electronics Coropration
Part # APW7104
Download  APW7104 Download
File Size   288.61 Kbytes
Page   18 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1.5MHz, 1A Synchronous Buck Regulator

APW7104 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7104 Datasheet PDF - Anpec Electronics Coropration

Part # APW7104
Download  APW7104 Click to download

File Size   288.61 Kbytes
Page   18 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1.5MHz, 1A Synchronous Buck Regulator

APW7104 Datasheet (HTML) - Anpec Electronics Coropration


APW7104 Product details

General Description

APW7104 is a 1.5MHz high efficiency monolithic synchronous buck regulator. Design with current mode scheme, the APW7104 is stable with ceramic output capacitor. Input voltage from 2.7V to 6.0V makes the APW7104 ideally suited for single Li-Ion battery powered applications. 100% duty cycle provides low dropout operation, extending battery life in portable electrical devices. The internally fixed 1.5MHz operating frequency allows the using of small surface mount inductors and capacitors. The synchronous switches included inside increase the efficiency and eliminate the need of an external Schottky diode.

The APW7104 is available in SOT-23-5/TSOT-23-5A packages.



Features

· 1A Output Current

· Wide 2.7V~6.0V Input Voltage

· Fixed 1.5MHz Switching Frequency

· Low Dropout Operating at 100% Duty Cycle

· 25mA Quiescent Current

· Integrate Synchronous Rectifier

· 0.6V Reference Voltage

· Current-Mode Operation with Internal Compensation

   - Stable with Ceramic Output Capacitors

   - Fast Line Transient Response

· Short-Circuit Protection

· Over-Temperature Protection with Hysteresis

· Available in SOT-23-5/TSOT-23-5A Packages

· Lead Free and Green Devices Available (RoHS Compliant)



Applications

· HD STB

· BT Mouse

· PND Instrument

· Portable Instrument



 




Similar Part No. - APW7104

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7104A ANPEC-APW7104A Datasheet
267Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW7104ABI-TRG ANPEC-APW7104ABI-TRG Datasheet
267Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
More results


Similar Description - APW7104

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3410 TSC-TS3410 Datasheet
322Kb / 7P
1A / 1.5MHz Synchronous Buck Converter
logo
Anpec Electronics Corop...
APW7104A ANPEC-APW7104A Datasheet
267Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW7178 ANPEC-APW7178 Datasheet
274Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW7178A ANPEC-APW7178A Datasheet
266Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW7290 ANPEC-APW7290 Datasheet
316Kb / 18P
1.5MHz, 1A Synchronous Buck Regulator
APW8824 ANPEC-APW8824 Datasheet
518Kb / 19P
1.5MHz, 1A Synchronous Buck Regulator
APW7505 ANPEC-APW7505 Datasheet
286Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW7506A ANPEC-APW7506A Datasheet
220Kb / 19P
1.5MHz, 1A Synchronous Buck Regulator
APW7506C ANPEC-APW7506C Datasheet
309Kb / 20P
1.5MHz, 1A Synchronous Buck Regulator
APW7507C ANPEC-APW7507C Datasheet
308Kb / 20P
1.5MHz, 1A Synchronous Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com