Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6659 Datasheet (PDF) - Sipex Corporation

SP6659 Datasheet PDF - Sipex Corporation
Part # SP6659
Download  SP6659 Download
File Size   201.51 Kbytes
Page   10 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 1.5MHz, 600mA Synchronous Buck Regulator

SP6659 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6659 Datasheet PDF - Sipex Corporation

Part # SP6659
Download  SP6659 Click to download

File Size   201.51 Kbytes
Page   10 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 1.5MHz, 600mA Synchronous Buck Regulator

SP6659 Datasheet (HTML) - Sipex Corporation


SP6659 Product details

DESCRIPTION
The SP6659 is a 600mA synchronous buck regulator using a constant frequency, current mode architecture. The output voltage can be programmed using an external resistor divider. The 2.5V to 5.5V input voltage range is ideal for portable applications that use a Li-Ion battery. Switching frequency is internally set at 1.5MHz, allowing the use of small surface mount inductors and capacitors. The internal synchronous switch increases efficiency and eliminates the need for an external Schottky diode. The output voltage can be programmed using an external resistor divider. Low output voltages are easily supported with the 0.6V feedback reference voltage. The SP6659 is available in a low profile 5 pin TSOT-23 package.

FEATURES
■ 94% Efficiency Possible
■ 600mA Output Current at VIN = 3.6V
■ 2.5V to 5.5V Input Voltage Range
■ 1.5MHz constant frequency operation
■ No Schottky Diode Required
■ Output Voltages as low as 0.6V
■ Slope Compensated Current Mode Operation for Excellent Line and Load Transient Response
■ 100 % Duty Cycle in LDO Mode
■ <1μA Shutdown Current, Quiescent Current of 300 μA
■ Over-temperature protected
■ Pin Compatible to LTC3406B
■ Offered in Low Profile TSOT-23 package

APPLICATIONS
■ Cell Phones
■ Wireless and DSL Modems
■ DSCs
■ Portable Instruments




Similar Part No. - SP6659

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
340Kb / 11P
1.5MHz, 600mA Synchronous Buck Regulator
SP6659EB SIPEX-SP6659EB Datasheet
95Kb / 3P
Evaluation Board Manual
SP6659EK1 SIPEX-SP6659EK1 Datasheet
340Kb / 11P
1.5MHz, 600mA Synchronous Buck Regulator
SP6659EK1/TR SIPEX-SP6659EK1/TR Datasheet
340Kb / 11P
1.5MHz, 600mA Synchronous Buck Regulator
SP6659EK115 SIPEX-SP6659EK115 Datasheet
340Kb / 11P
1.5MHz, 600mA Synchronous Buck Regulator
More results


Similar Description - SP6659

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
1.5MHz, 600mA Synchronous Buck Regulator
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
282Kb / 7P
600mA / 1.5MHz Synchronous Buck Converter
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
1.5MHz, 600mA, Synchronous Buck Regulator
logo
AMETHERM Circuit Protec...
AME5258 AMETHERM-AME5258 Datasheet
297Kb / 17P
1.5MHz, 600mA Synchronous Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
1.5MHz, 600mA Synchronous Buck Converter
AME5248A AME-AME5248A Datasheet
274Kb / 20P
1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
1.5MHz, 600mA Synchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406_08 Datasheet
284Kb / 7P
600mA / 1.5MHz Synchronous Buck Converter
TS3406 TSC-TS3406_13 Datasheet
116Kb / 7P
600mA / 1.5MHz Synchronous Buck Converter
logo
Analog Microelectronics
AME5249A AME-AME5249A Datasheet
301Kb / 21P
1.5MHz, 600mA Synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com