Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6659 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6659
Description  1.5MHz, 600mA Synchronous Buck Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6659 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6659 Datasheet HTML 1Page - Sipex Corporation SP6659 Datasheet HTML 2Page - Sipex Corporation SP6659 Datasheet HTML 3Page - Sipex Corporation SP6659 Datasheet HTML 4Page - Sipex Corporation SP6659 Datasheet HTML 5Page - Sipex Corporation SP6659 Datasheet HTML 6Page - Sipex Corporation SP6659 Datasheet HTML 7Page - Sipex Corporation SP6659 Datasheet HTML 8Page - Sipex Corporation SP6659 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Date: 07/20/05
SP6659 1.5MHz, 600mA Synchronous Buck Regulator
© Copyright 2005 Sipex Corporation
PIN DESCRIPTION
Input Supply Voltage ......................................................... -0.3V to +6V
RUN, V
FBVoltages .................................................. -0.3V to (VIN + 0.3V)
SW Voltage ............................................................ -0.3V to (V
IN + 0.3V)
P-Channel Switch Source Current ............................................. 800mA
N-Channel Switch Sink Current .................................................. 800mA
Peak Switch Sink and Source Current ........................................... 1.3A
Operating Temperature ................................................. -40°C to +85°C
Storage Temperature ................................................. -65°C to +150 °C
Junction Temperature (Note 1) .................................................. 125 °C
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
ELECTRICAL CHARACTERISTICS
Note 1: Junction Temperature TJ is calculated from the ambient temperature TA and ower dissipation PD
according to the following formula: TJ = TA + PD X 220°C/W
PIN #
PIN NAME
DESCRIPTION
1
RUN
Power down control pin. Forcing this pin above 1.5V enables the device. Forcing this
pin below 0.3V shuts down the device.
2
GND
Ground pin.
3SW
Switching node.
4V
IN
Power supply pin
5VFB/ V
OUT
Adjustable Version: VFB, Feedback Input Pin. Connect FB to the center point of the
external resistor divider. The feedback threshold voltage is 0.6V.
Fixed Output Version: VOUT, Output Voltage Feedback Pin. An internal resistive
divider drops the output voltage down for comparison to the internal reference voltage.
Vin=Vrun=3.6V, Io=0mA, Tamb= -40ºC to +85ºC, typical values at 25ºC unless otherwise noted.
Parameter
Min
Typ
Max
Units
Conditions
Input Voltage Range
2.5
5.5
V
Input DC Supply Current
Active Mode
300
400
µA
Vfb = 0.5V, Vin = Vrun
Shutdown Mode
0.1
1
µA
Vin = 3.6V, Vrun = ZeroV
0.5880
0.6000
0.6120
Ta=+25ºC
0.5865
0.6000
0.6135
V
0ºC<Ta<+85ºC
0.5820
0.6000
0.6180
-40ºC < Ta < +85ºC
Vfb Input Bias Current
85
300
nA
Vfb = 1.0V
Vfb Line Regulation
-1
0.4
1
%/V
Vin = 2.5V to 5.5V
Vfb Load Regulation
-0.1
0.01
0.1
%/mA
ILoad = 0mA to 600mA
Regulated Output Voltage
1.455
1.500
1.545
V
SP6659EK1-1.5, -40ºC < Ta < +85ºC
1.746
1.800
1.854
V
SP6659EK1-1.8, -40ºC < Ta < +85ºC
Minimum Output Voltage
0.6
V
Peak inductor current
0.7
1.15
1.5
A
Vfb = 0.5V
Oscillator frequency
0.8
1.4
1.8
mHz
Closed Loop, ILoad=100mA
P-channel ON resistance
0.4
0.6
Ω
ISW = 100mA
N-channel ON resistance
0.4
0.6
Ω
ISW = -100mA
Vrun=ZeroV, Vin = 3.6V
Vsw=ZeroV, Vsw = Vin
Run Threshold Voltage
0.2
1
1.3
V
Run Leakage Current
±0.01
±1.5
µA
±1.0
µA
Vfb (Feedback Voltage)
SW Leakage Current
±0.01



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com