Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6442 Datasheet (PDF) - Renesas Technology Corp

ISL6442 Datasheet PDF - Renesas Technology Corp
Part # ISL6442
Download  ISL6442 Download
File Size   784.75 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual (180째 Out-of-Phase) PWM and Linear Controller

ISL6442 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6442 Datasheet PDF - Renesas Technology Corp

Part # ISL6442
Download  ISL6442 Click to download

File Size   784.75 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual (180째 Out-of-Phase) PWM and Linear Controller

ISL6442 Datasheet (HTML) - Renesas Technology Corp


ISL6442 Product details

Dual (180° Out-of-Phase) PWM and Linear Controller

The ISL6442 is a high-performance, triple output controller that provides a single high-frequency power solution primarily for Broadband, DSL and Networking applications. This device integrates complete control, monitoring and protection functions for two synchronous buck PWM controllers and one linear controller. Input voltage ripple and total RMS input current is substantially reduced by synchronized 180° out-of-phase operation of the two PWMs.

Features
• 4.5V to 5.5V or 5.5V to 24V Input Voltage Range
• ±1.5% PWM Switcher Reference Accuracy Over Line and Temperature
• Three Programmable Power Output Voltages
    - Two PWM Controllers with Out-of-Phase Operation
    - Voltage-Mode PWM Control
    - One Linear Controller
• Programmable Switching Frequency from 300kHz to 2.5MHz
• Fast Transient Response
    - High-Bandwidth Error Amplifier
• Extensive Circuit Protection Functions
    - Overvoltage, Undervoltage, and Overtemperature
    - Programmable Overcurrent Limit with Hiccup Mode Operation
    - Lossless Current Sensing (No Sense Resistor Needed)
• Externally Adjustable Soft-Start Time
    - Independent Enable Control
    - Voltage Tracking Capability
    - Able to Soft-Start into a Pre-Biased Load
• PGOOD Output with Delay
• 24 Ld QSOP
• Pb-Free (RoHS Compliant)

Applications
• Complete 1 Chip Solution for DSL Modems/Routers
• DSP, ASIC, and FPGA Point of Load Regulation
• ADSL, Broadband and Networking Applications




Similar Part No. - ISL6442

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6442 INTERSIL-ISL6442 Datasheet
313Kb / 16P
Dual (180째 Out-of-Phase) PWM and Linear Controller
October 31, 2008
ISL6442IAZ INTERSIL-ISL6442IAZ Datasheet
313Kb / 16P
Dual (180째 Out-of-Phase) PWM and Linear Controller
October 31, 2008
More results


Similar Description - ISL6442

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6443 INTERSIL-ISL6443_06 Datasheet
349Kb / 18P
300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
August 9, 2006
ISL6443A INTERSIL-ISL6443A Datasheet
299Kb / 19P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
December 7, 2007
ISL9440 INTERSIL-ISL9440 Datasheet
979Kb / 20P
Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
December 5, 2007
ISL6442 INTERSIL-ISL6442 Datasheet
313Kb / 16P
Dual (180째 Out-of-Phase) PWM and Linear Controller
October 31, 2008
ISL6446 INTERSIL-ISL6446 Datasheet
1Mb / 20P
Dual (180째 Out-of-Phase) PWM and Linear Controller
July 10, 2012
ISL6446IAZ-TK INTERSIL-ISL6446IAZ-TK Datasheet
1Mb / 19P
Dual (180째 Out-of-Phase) PWM and Linear Controller
logo
Renesas Technology Corp
ISL6441 RENESAS-ISL6441 Datasheet
851Kb / 19P
1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 RENESAS-ISL6443 Datasheet
831Kb / 18P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443A RENESAS-ISL6443A Datasheet
944Kb / 20P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402 RENESAS-ISL6402 Datasheet
837Kb / 19P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com