Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6446 Datasheet (PDF) - Intersil Corporation

ISL6446 Datasheet PDF - Intersil Corporation
Part # ISL6446
Download  ISL6446 Download
File Size   1420.3 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual (180째 Out-of-Phase) PWM and Linear Controller

ISL6446 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6446 Datasheet PDF - Intersil Corporation

Part # ISL6446
Download  ISL6446 Click to download

File Size   1420.3 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual (180째 Out-of-Phase) PWM and Linear Controller

ISL6446 Datasheet (HTML) - Intersil Corporation


ISL6446 Product details

Dual (180° Out-of-Phase) PWM and Linear Controller

The ISL6446 is a high-performance, triple output controller that provides a single high-frequency power solution primarily for Broadband, DSL and Networking applications. This device integrates complete control, monitoring and protection functions for two synchronous buck PWM controllers and one linear controller. Input voltage ripple and total RMS input current is substantially reduced by synchronized 180° out-of-phase operation of the two PWMs.

Features
• 4.5V to 5.5V or 5.5V to 24V Input Voltage Range
• Three Programmable Power Output Voltages
    - Two PWM Controllers with Out-of-Phase Operation
    - Voltage-Mode PWM Control
    - One Linear Controller
• Programmable Switching Frequency from 100kHz to 2.5MHz
• Fast Transient Response
    - High-Bandwidth Error Amplifier
• Extensive Circuit Protection Functions
    - Undervoltage, and Over-temperature
    - Overvoltage with Latch-off Mode
    - Programmable Overcurrent Limit with Latch-off Mode
    - Lossless Current Sensing (No Sense Resistor Needed)
• Externally Adjustable Soft-Start Time
    - Independent Enable Control
    - Voltage Tracking Capability
    - Able to Soft-Start into a Pre-Biased Load
• PGOOD Output with Delay

Applications
• ATX Power Supplies
• DSP, ASIC, and FPGA Point of Load Regulation
• Industrial and Security Networking Applications




Similar Part No. - ISL6446

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6446 RENESAS-ISL6446 Datasheet
1Mb / 19P
Dual (180째Out-of-Phase) PWM and Linear Controller
logo
Intersil Corporation
ISL6446A INTERSIL-ISL6446A Datasheet
1Mb / 20P
Dual (180째Out-of-Phase) PWM and Linear Controller
November 6, 2012
logo
Renesas Technology Corp
ISL6446A RENESAS-ISL6446A Datasheet
1Mb / 22P
Dual (180째Out-of-Phase) PWM and Linear Controller
ISL6446AIAZ RENESAS-ISL6446AIAZ Datasheet
1Mb / 22P
Dual (180째Out-of-Phase) PWM and Linear Controller
ISL6446IAZ RENESAS-ISL6446IAZ Datasheet
1Mb / 19P
Dual (180째Out-of-Phase) PWM and Linear Controller
More results


Similar Description - ISL6446

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6443 INTERSIL-ISL6443_06 Datasheet
349Kb / 18P
300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
August 9, 2006
ISL6443A INTERSIL-ISL6443A Datasheet
299Kb / 19P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
December 7, 2007
ISL9440 INTERSIL-ISL9440 Datasheet
979Kb / 20P
Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
December 5, 2007
ISL6442 INTERSIL-ISL6442 Datasheet
313Kb / 16P
Dual (180째 Out-of-Phase) PWM and Linear Controller
October 31, 2008
ISL6446IAZ-TK INTERSIL-ISL6446IAZ-TK Datasheet
1Mb / 19P
Dual (180째 Out-of-Phase) PWM and Linear Controller
logo
Renesas Technology Corp
ISL6441 RENESAS-ISL6441 Datasheet
851Kb / 19P
1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 RENESAS-ISL6443 Datasheet
831Kb / 18P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443A RENESAS-ISL6443A Datasheet
944Kb / 20P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402 RENESAS-ISL6402 Datasheet
837Kb / 19P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6442 RENESAS-ISL6442 Datasheet
784Kb / 17P
Dual (180째 Out-of-Phase) PWM and Linear Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com