Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC562 Datasheet (PDF) - Analog Devices

HMC562 Datasheet PDF - Analog Devices
Part # HMC562
Download  HMC562 Download
File Size   399.31 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER

HMC562 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC562 Datasheet PDF - Analog Devices

Part # HMC562
Download  HMC562 Click to download

File Size   399.31 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER

HMC562 Datasheet (HTML) - Analog Devices


HMC562 Product details

General Description
The HMC562 is a GaAs MMIC PHEMT Distributed Driver Amplifi er die which operates between 2 and 35 GHz. The amplifi er provides 12.5 dB of gain, +19 dBm output IP3 and +12 dBm of output power at 1 dB gain compression while requiring 80 mA from a +8V supply. The HMC562 is ideal for EW, ECM and radar driver amplifi er applications. The HMC562 amplifi er I/O’s are DC blocked and internally matched to 50 Ohms facilitating integration into MultiChip-Modules (MCMs). All data is taken with the chip connected via two 0.075mm (3 mil) ribbon bonds of minimal length 0.31mm (12 mils).

Features
   P1dB Output Power: +18 dBm
   Gain: 12.5 dB
   Output IP3: +27 dBm
   Supply Voltage: +8V @ 80 mA
   50 Ohm Matched Input/Output
   Die Size: 3.12 x 1.42 x 0.1 mm

Typical Applications
The HMC562 wideband driver is ideal for:
• Military & Space
• Test Instrumentation
• Fiber Optics




Similar Part No. - HMC562

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC562 HITTITE-HMC562 Datasheet
361Kb / 8P
GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER, 2 - 35 GHz
HMC562 HITTITE-HMC562 Datasheet
289Kb / 8P
GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER, 2 - 35 GHz
HMC562 HITTITE-HMC562 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
logo
Micross Components
HMC562 MICROSS-HMC562 Datasheet
924Kb / 11P
Test Instrumentation
logo
Analog Devices
HMC562 AD-HMC562 Datasheet
1Mb / 22P
Active Bias Controller High Current
More results


Similar Description - HMC562

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC562 HITTITE-HMC562 Datasheet
361Kb / 8P
GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER, 2 - 35 GHz
HMC562 HITTITE-HMC562_08 Datasheet
289Kb / 8P
GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER, 2 - 35 GHz
HMC633LC4 HITTITE-HMC633LC4 Datasheet
268Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5.5 - 17 GHz
HMC634LC4 HITTITE-HMC634LC4_09 Datasheet
261Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC635 HITTITE-HMC635_09 Datasheet
291Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
logo
Analog Devices
HMC633 AD-HMC633 Datasheet
315Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC634LC4 AD-HMC634LC4 Datasheet
423Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC635 AD-HMC635 Datasheet
326Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC635LC4 AD-HMC635LC4 Datasheet
330Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC465 AD-HMC465 Datasheet
452Kb / 8P
GaAs pHEMT MMIC MODULATOR DRIVER AMPLIFIER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com