Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC562 Datasheet (PDF) - Micross Components

HMC562 Datasheet PDF - Micross Components
Part # HMC562
Download  HMC562 Download
File Size   924.63 Kbytes
Page   11 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Test Instrumentation

HMC562 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC562 Datasheet PDF - Micross Components

Part # HMC562
Download  HMC562 Click to download

File Size   924.63 Kbytes
Page   11 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Test Instrumentation

HMC562 Datasheet (HTML) - Micross Components


HMC562 Product details

General Description
The HMC562 is a GaAs MMIC PHEMT Distributed Driver Amplifi er die which operates between 2 and 35 GHz. The amplifi er provides 12.5 dB of gain, +19 dBm output IP3 and +12 dBm of output power at 1 dB gain compression while requiring 80 mA from a +8V supply. The HMC562 is ideal for EW, ECM and radar driver amplifi er applications. The HMC562 amplifi er I/O’s are DC blocked and internally matched to 50 Ohms facilitating integration into MultiChip-Modules (MCMs). All data is taken with the chip connected via two 0.075mm (3 mil) ribbon bonds of minimal length 0.31mm (12 mils).

Features
   P1dB Output Power: +18 dBm
   Gain: 12.5 dB
   Output IP3: +27 dBm
   Supply Voltage: +8V @ 80 mA
   50 Ohm Matched Input/Output
   Die Size: 3.12 x 1.42 x 0.1 mm

Typical Applications
The HMC562 wideband driver is ideal for:
• Military & Space
• Test Instrumentation
• Fiber Optics




Similar Part No. - HMC562

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC562 HITTITE-HMC562 Datasheet
361Kb / 8P
GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER, 2 - 35 GHz
HMC562 HITTITE-HMC562 Datasheet
289Kb / 8P
GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER, 2 - 35 GHz
HMC562 HITTITE-HMC562 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC562 AD-HMC562 Datasheet
399Kb / 8P
GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER
HMC562 AD-HMC562 Datasheet
1Mb / 22P
Active Bias Controller High Current
More results


Similar Description - HMC562

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
Test Instrumentation
logo
Analog Devices
HMC448LC3B AD-HMC448LC3B Datasheet
340Kb / 6P
Test Instrumentation
HMC561 AD-HMC561 Datasheet
391Kb / 6P
Test Instrumentation
HMC575LP4 AD-HMC575LP4 Datasheet
314Kb / 6P
Test Instrumentation
HMC579 AD-HMC579 Datasheet
298Kb / 6P
Test Instrumentation
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
Test Instrumentation
HMC464 AD-HMC464 Datasheet
344Kb / 6P
Test Instrumentation
HMC606LC5 AD-HMC606LC5 Datasheet
407Kb / 6P
Test Instrumentation
HMC659 AD-HMC659 Datasheet
682Kb / 8P
Test Instrumentation
HMC369LP3 AD-HMC369LP3 Datasheet
353Kb / 6P
Test Instrumentation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com