Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9305H Datasheet (PDF) - Renesas Technology Corp

ISL9305H Datasheet PDF - Renesas Technology Corp
Part # ISL9305H
Download  ISL9305H Download
File Size   808.43 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface

ISL9305H Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9305H Datasheet PDF - Renesas Technology Corp

Part # ISL9305H
Download  ISL9305H Click to download

File Size   808.43 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface

ISL9305H Datasheet (HTML) - Renesas Technology Corp


ISL9305H Product details

3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface

The ISL9305H is an integrated mini Power Management IC (mini-PMIC) for powering low-voltage microprocessors, or applications using a single Li-Ion or Li-Polymer cell battery to power multiple voltage rails. The ISL9305H integrates two high-efficiency 3MHz synchronous step-down converters (DCD1 and DCD2) and two low-input, low-dropout linear regulators (LDO1 and LDO2).

Features
• Dual 1.5A, Synchronous Step-down Converters and Dual
    300mA, General-purpose LDOs
• Input Voltage Range
    - DCD1/DCD2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5V to 5.5V
    - LDO1/LDO2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5V to 5.5V
• 400kb/s I2C-Bus Series Interface Transfers the Control Data
    Between the Host Controller and the ISL9305H
• Adjustable Output Voltage
    - VODCD1/VODCD2 . . . . . . . . . . . . . . . . . . . . . . . . 0.8V to VIN
• Fixed Output I2C Programmability
    - At 25mV/Step . . . . . . . . . . . . . . . . . . . . . . . . 0.825V to 3.6V
• LDO1/LDO2 Output Voltage I2C Programmability
    - At 50mV/Step . . . . . . . . . . . . . . . . . . . . . . . . . . 0.9V to 3.6V
• 50μA IQ (Typ) with DCD1/DCD2 in Skip Mode; 20μA IQ (Typ)
    for Each Enabled LDO
• On-the-fly I2C Programming of DC/DC and LDO Output Voltages
• DCD1/DCD2 I2C Programmable Skip Mode Under Light
    Load or Forced Fixed Switching Frequency PWM Mode
• Small, Thin 4mmx4mm TQFN Package

Applications
• Cellular Phones, Smart Phones
• PDAs, Portable Media Players, Portable Instruments
• Single Li-Ion/Li-Polymer Battery-Powered Equipment
• DSP Core Power




Similar Part No. - ISL9305H

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9305H INTERSIL-ISL9305H Datasheet
656Kb / 16P
3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
November 8, 2010
ISL9305H INTERSIL-ISL9305H Datasheet
666Kb / 17P
3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
ISL9305H INTERSIL-ISL9305H Datasheet
664Kb / 17P
3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
ISL9305H INTERSIL-ISL9305H_11 Datasheet
666Kb / 17P
3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
More results


Similar Description - ISL9305H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
3MHz Dual Step-Down Converters and Dual Low-Input LDOs
November 8, 2010
ISL9305H INTERSIL-ISL9305H Datasheet
656Kb / 16P
3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
November 8, 2010
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
3MHz Dual Step-Down Converters and Dual Low-Input LDOs
August 15, 2011
ISL9305H INTERSIL-ISL9305H_11 Datasheet
666Kb / 17P
3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
568Kb / 16P
3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
February 9, 2015
ISL9305IRTHAANLZ-T INTERSIL-ISL9305IRTHAANLZ-T Datasheet
664Kb / 17P
3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
logo
Renesas Technology Corp
ISL9305 RENESAS-ISL9305 Datasheet
924Kb / 17P
3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
ISL9307 RENESAS-ISL9307 Datasheet
678Kb / 13P
3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com