Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9305 Datasheet (PDF) - Intersil Corporation

ISL9305 Datasheet PDF - Intersil Corporation
Part # ISL9305
Download  ISL9305 Download
File Size   784.15 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3MHz Dual Step-Down Converters and Dual Low-Input LDOs

ISL9305 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9305 Datasheet PDF - Intersil Corporation

Part # ISL9305
Download  ISL9305 Click to download

File Size   784.15 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3MHz Dual Step-Down Converters and Dual Low-Input LDOs

ISL9305 Datasheet (HTML) - Intersil Corporation


ISL9305 Product details

3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface

The ISL9305 is an integrated mini Power Management IC (mini-PMIC) ideal for applications of powering low-voltage microprocessor or multiple voltage rails with battery as input sources, such as a single Li-ion or Li-Polymer. ISL9305 integrates two high-efficiency 3MHz synchronous step-down converters (DCD1 and DCD2) and two low-input, low-dropout linear regulators (LDO1 and LDO2).

Features
• Dual 800mA, Synchronous Step-down Converters and Dual
    300mA, General-purpose LDOs
• Input Voltage Range
    - DCD1/DCD2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.3V to 5.5V
    - LDO1/LDO2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5V to 5.5V
• 400kb/s I2C-bus Series Interface Transfers the Control Data
    Between the Host Controller and the ISL9305
• Adjustable Output Voltage
    - DCD1/DCD2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8V to VIN
    - Fixed Output I2C Programmability
• At 25mV/step. . . . . . . . . . . . . . . . . . . . . . . . . . . 0.825V to 3.6V
• LDO1/LDO2 Output Voltage I2C Programmability
    - At 50mV/step. . . . . . . . . . . . . . . . . . . . . . . . . . . 0.9V to 3.3V
• 50μA IQ (Typ) with DCD1/DCD2 in Skip Mode; 20μA IQ (Typ)
    for each Enabled LDO
• On-the-fly I2C Programming of DC/DC and LDO Output
    Voltages
• DCD1/DCD2 I2C Programmable Skip Mode Under Light
    Load or Forced Fixed Switching Frequency PWM Mode
• Small, Thin, 4mmx4mm TQFN Package

Applications
• Cellular Phones, Smart Phones
• PDAs, Portable Media Players, Portable Instruments
• Single Li-ion/Li-Polymer Battery-Powered Equipment
• DSP Core Power




Similar Part No. - ISL9305

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305 Datasheet
777Kb / 17P
3MHz Dual Step-Down Converters and Dual Low-Input LDOs
August 15, 2011
logo
Renesas Technology Corp
ISL9305 RENESAS-ISL9305 Datasheet
924Kb / 17P
3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305 Datasheet
568Kb / 16P
3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
February 9, 2015
ISL9305H INTERSIL-ISL9305H Datasheet
656Kb / 16P
3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
November 8, 2010
ISL9305H INTERSIL-ISL9305H Datasheet
666Kb / 17P
3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
More results


Similar Description - ISL9305

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
logo
Intersil Corporation
ISL9305H INTERSIL-ISL9305H Datasheet
656Kb / 16P
3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
November 8, 2010
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
3MHz Dual Step-Down Converters and Dual Low-Input LDOs
August 15, 2011
ISL9305H INTERSIL-ISL9305H_11 Datasheet
666Kb / 17P
3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
568Kb / 16P
3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
February 9, 2015
ISL9305IRTHAANLZ-T INTERSIL-ISL9305IRTHAANLZ-T Datasheet
664Kb / 17P
3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
logo
Renesas Technology Corp
ISL9305 RENESAS-ISL9305 Datasheet
924Kb / 17P
3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
ISL9305H RENESAS-ISL9305H Datasheet
808Kb / 17P
3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
ISL9307 RENESAS-ISL9307 Datasheet
678Kb / 13P
3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com