Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL21070 Datasheet (PDF) - Renesas Technology Corp

ISL21070 Datasheet PDF - Renesas Technology Corp
Part # ISL21070
Download  ISL21070 Download
File Size   777.84 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 25關A Micropower Voltage References

ISL21070 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL21070 Datasheet PDF - Renesas Technology Corp

Part # ISL21070
Download  ISL21070 Click to download

File Size   777.84 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 25關A Micropower Voltage References

ISL21070 Datasheet (HTML) - Renesas Technology Corp


ISL21070 Product details

25µA Micropower Voltage References

The ISL21070 voltage references are analog voltage references featuring low supply voltage operation at ultra-low 25µA max operating current.
Additionally, the ISL21070 family features guaranteed initial accuracy as low as ±0.2% and 30ppm/°C temperature coefficient.

Features
• Reference output voltage . . . . . . . . . 0.600V, 2.048V, 2.500V
• Initial accuracy: 0.600V. . . . . . . . . . . . . . . . . . . . . . . . . . ±1.0%
• Initial accuracy: 2.048V. . . . . . . . . . . . . . . . . . . . . . . . .±0.25%
• Initial accuracy: 2.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . ..±0.2%
• Input voltage range
    - ISL21070-06 . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
    - ISL21070-20 . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
    - ISL21070-25. . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
• Output voltage noise . . . . . . . . . . . . . 30µVP-P (0.1Hz to 10Hz)
• Supply current . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25µA (max)
• Tempco (0.600V only) . . . . . . . . . . . . . . . . . . . . . . . 50ppm/°C
• Tempco (all others) . . . . . . . . . . . . . . . . . . . . . . . . . 30ppm/°C
• Output current capability . . . . . . . . . . . . . . . . . . . . . . . ±10mA
• Operating temperature range. . . . . . . . . . . . . -40°C to +85°C
• Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Ld SOT-23
• Pb-Free (RoHS compliant)

Applications
• Battery management/monitoring
• Low power standby voltages
• Portable instrumentation
• Consumer/medical electronics
• Wearable Electronics
• Lower Cost industrial and instrumentation
• Power regulation circuits
• Control loops and compensation networks
• LED/diode supply




Similar Part No. - ISL21070

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21070 INTERSIL-ISL21070 Datasheet
485Kb / 12P
25關A Micropower Voltage References
March 19, 2010
ISL21070 INTERSIL-ISL21070 Datasheet
416Kb / 11P
25關A Micropower Voltage References Low Power Standby Voltages
July 1, 2011
ISL21070 INTERSIL-ISL21070 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL21070 INTERSIL-ISL21070 Datasheet
512Kb / 11P
25µA Micropower Voltage References
September 3, 2015
ISL21070CIH310Z-TK INTERSIL-ISL21070CIH310Z-TK Datasheet
485Kb / 12P
25關A Micropower Voltage References
March 19, 2010
More results


Similar Description - ISL21070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
MICROPOWER VOLTAGE REFERENCES
logo
Intersil Corporation
ISL21070 INTERSIL-ISL21070 Datasheet
485Kb / 12P
25關A Micropower Voltage References
March 19, 2010
ISL21070 INTERSIL-ISL21070_11 Datasheet
416Kb / 11P
25關A Micropower Voltage References Low Power Standby Voltages
July 1, 2011
logo
Texas Instruments
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
MICROPOWER VOLTAGE REFERENCES
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2 Datasheet
1Mb / 25P
Micropower Voltage References
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
Micropower Voltage References
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com