Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL21070 Datasheet (PDF) - Intersil Corporation

ISL21070 Datasheet PDF - Intersil Corporation
Part # ISL21070
Download  ISL21070 Download
File Size   485.23 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 25關A Micropower Voltage References

ISL21070 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL21070 Datasheet PDF - Intersil Corporation

Part # ISL21070
Download  ISL21070 Click to download

File Size   485.23 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 25關A Micropower Voltage References

ISL21070 Datasheet (HTML) - Intersil Corporation


ISL21070 Product details

25µA Micropower Voltage References

The ISL21070 voltage references are analog voltage references featuring low supply voltage operation at ultra-low 25µA max operating current.
Additionally, the ISL21070 family features guaranteed initial accuracy as low as ±0.2% and 30ppm/°C temperature coefficient.

Features
• Reference Output Voltage . . . . . . . 1.024V, 2.048V, 2.500V, 3.300V
• Initial Accuracy: 1.024V . . . . . . . . . . . . . . .±0.5%
• Initial Accuracy: 2.048V . . . . . . . . . . . . . .±0.25%
• initial Accuracy: 2.5V, 3.3V . . . . . . . . . . . . .±0.2%
• Input Voltage Range
    - ISL21070-10 (Coming Soon) . . . . . . 2.7V to 5.5V
    - ISL21070-20 (Coming Soon) . . . . . . 2.7V to 5.5V
    - ISL21070-25. . . . . . . . . . . . . . . . . . 2.7V to 5.5V
    - ISL21070-33 (Coming Soon) . . . . . . 3.5V to 5.5V
• Output Voltage Noise . . . . 30µVP-P (0.1Hz to 10Hz)
• Supply Current. . . . . . . . . . . . . . . . . . 25µA (Max)
• Tempco . . . . . . . . . . . . . . . . . . . . . . . . 30ppm/°C
• Output Current Capability . . . . . . . . . . . . . ±10mA
• Operating Temperature Range . . . . -40°C to +85°C
• Package . . . . . . . . . . . . . . . . . . . . . . 3 Ld SOT-23
• Pb-Free (RoHS compliant)

Applications*(see page 11)
• Battery Management/Monitoring
• Low Power Standby Voltages
• Portable Instrumentation
• Consumer/Medical Electronics
• Wearable Electronics
• Lower Cost Industrial and Instrumentation
• Power Regulation Circuits
• Control Loops and Compensation Networks
• LED/Diode Supply




Similar Part No. - ISL21070

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21070 INTERSIL-ISL21070 Datasheet
416Kb / 11P
25關A Micropower Voltage References Low Power Standby Voltages
July 1, 2011
ISL21070 INTERSIL-ISL21070 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL21070 RENESAS-ISL21070 Datasheet
777Kb / 12P
25關A Micropower Voltage References
logo
Intersil Corporation
ISL21070 INTERSIL-ISL21070 Datasheet
512Kb / 11P
25µA Micropower Voltage References
September 3, 2015
ISL21070CIH320Z-TK INTERSIL-ISL21070CIH320Z-TK Datasheet
416Kb / 11P
25關A Micropower Voltage References Low Power Standby Voltages
July 1, 2011
More results


Similar Description - ISL21070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
MICROPOWER VOLTAGE REFERENCES
logo
Intersil Corporation
ISL21070 INTERSIL-ISL21070_11 Datasheet
416Kb / 11P
25關A Micropower Voltage References Low Power Standby Voltages
July 1, 2011
logo
Texas Instruments
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
MICROPOWER VOLTAGE REFERENCES
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2 Datasheet
1Mb / 25P
Micropower Voltage References
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
Micropower Voltage References
logo
Renesas Technology Corp
ISL21070 RENESAS-ISL21070 Datasheet
777Kb / 12P
25關A Micropower Voltage References
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com