Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL26713 Datasheet (PDF) - ams AG

TSL26713 Datasheet PDF - ams AG
Part # TSL26713
Download  TSL26713 Download
File Size   691.78 Kbytes
Page   44 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Digital Proximity Detector

TSL26713 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSL26713 Datasheet PDF - ams AG

Part # TSL26713
Download  TSL26713 Click to download

File Size   691.78 Kbytes
Page   44 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Digital Proximity Detector

TSL26713 Datasheet (HTML) - ams AG


TSL26713 Product details

Description
The TSL2671 family of devices provides a complete proximity detection system and digital interface logic in a single 6-pin package. The device includes a digital proximity sensor with integrated LED driver for the required external IR LED. The proximity function offers a wide range of performance, with four programmable LED drive currents and a pulse repetition range of 1 to 32 pulses. The proximity detection circuitry compensates for ambient light, allowing it to operate in environments ranging from bright sunlight to dark rooms. This wide dynamic range also allows operation in short-distance detection applications behind dark glass, such as cell phones. An internal state machine provides the ability to put the device into a low-power mode for very low average power consumption.

Features
● Proximity Detection with an Integrated LED Driver in a Single Device
● Proximity Detection
   − Programmable Number of IR Pulses
   − Programmable Current Sink for the IR
      LED — No Limiting Resistor Needed
   − Programmable Interrupt Function with
      Upper and Lower Threshold
   − Covers a 2000:1 Dynamic Range
● Programmable Wait Timer
   − Programmable from 2.72 ms
      to > 8 Seconds
   − Wait State — 65 A Typical Current
● I2C Interface Compatible
   − Up to 400 kHz (I2C Fast Mode)
   − Dedicated Interrupt Pin
● Small 2 mm  2 mm ODFN Package
● Sleep Mode — 2.5 A Typical Current

Applications
● Cell Phone Touch Screen Disable
● Notebook/Monitor Security
● Automatic Speakerphone Enable
● Automatic Menu Popup




Similar Part No. - TSL26713

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TSL26713 OSRAM-TSL26713 Datasheet
972Kb / 45P
Digital Proximity Detector
v1-00 2016-Jul-12
TSL26713FN OSRAM-TSL26713FN Datasheet
972Kb / 45P
Digital Proximity Detector
v1-00 2016-Jul-12
More results


Similar Description - TSL26713

ManufacturerPart #DatasheetDescription
logo
ams AG
TMD2671 AMSCO-TMD2671 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TMD2672 AMSCO-TMD2672 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TSL2671 AMSCO-TSL2671 Datasheet
725Kb / 27P
DIGITAL PROXIMITY DETECTOR
TMD26721 AMSCO-TMD26721 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TMD26723 AMSCO-TMD26723 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26711 TAOS-TMD26711 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TMD26713 TAOS-TMD26713 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TMD26723 TAOS-TMD26723 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
logo
ams AG
TSL26721 AMSCO-TSL26721 Datasheet
750Kb / 46P
Digital Proximity Detector
TMD2672 AMSCO-TMD2672_V01 Datasheet
527Kb / 43P
Digital Proximity Detector
2015-Mar-23
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com