Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL26713 Datasheet(PDF) 1 Page - ams AG

Part # TSL26713
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL26713 Datasheet(HTML) 1 Page - ams AG

  TSL26713 Datasheet HTML 1Page - ams AG TSL26713 Datasheet HTML 2Page - ams AG TSL26713 Datasheet HTML 3Page - ams AG TSL26713 Datasheet HTML 4Page - ams AG TSL26713 Datasheet HTML 5Page - ams AG TSL26713 Datasheet HTML 6Page - ams AG TSL26713 Datasheet HTML 7Page - ams AG TSL26713 Datasheet HTML 8Page - ams AG TSL26713 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
ams Datasheet
Page 1
[v1-00] 2016-Jul-12
Document Feedback
TSL2671
Digital Proximity Detector
The TSL2671 family of devices provides a complete proximity
detection system and digital interface logic in a single 6-pin
package. The device includes a digital proximity sensor with
integrated LED driver for the required external IR LED. The
proximity function offers a wide range of performance, with
four programmable LED drive currents and a pulse repetition
range of 1 to 32 pulses. The proximity detection circuitry
compensates for ambient light, allowing it to operate in
environments ranging from bright sunlight to dark rooms. This
wide dynamic range also allows operation in short-distance
detection applications behind dark glass, such as cell phones.
An internal state machine provides the ability to put the device
into a low-power mode for very low average power
consumption.
The proximity function specifically targets near-field proximity
applications. In cell phones, for example, the proximity
detection function can detect when the user positions the
phone close to their ear. The device is fast enough to provide
proximity information at the high repetition rate needed when
answering a phone call. This provides both improved green
power saving capability and the added security to lock the
screen when the user may accidently deploy a touch.
Communication with the device is accomplished through a
simple two-wire I²C interface with data rates up to 400 kHz. An
interrupt output pin is provided for connection to the host
processor. This interrupt pin can be used to eliminate the need
to poll the device on a repetitive basis. There is also a digital
filter that compares the proximity ADC results to programmed
values so that an interrupt is generated only upon a proximity
event.
The TSL2671 is supplied in a very small form factor
2 mm
× 2 mm, 6-pin optical package, requiring very little PCB
area. Also, the package height is only 0.65 mm high, which
makes the TSL2671 suitable for very thin mechanical
applications.
Ordering Information and Content Guide appear at end of
datasheet.
General Description


Similar Part No. - TSL26713

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TSL26713 OSRAM-TSL26713 Datasheet
972Kb / 45P
Digital Proximity Detector
v1-00 2016-Jul-12
TSL26713FN OSRAM-TSL26713FN Datasheet
972Kb / 45P
Digital Proximity Detector
v1-00 2016-Jul-12
More results

Similar Description - TSL26713

ManufacturerPart #DatasheetDescription
logo
ams AG
TMD2671 AMSCO-TMD2671 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TMD2672 AMSCO-TMD2672 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TSL2671 AMSCO-TSL2671 Datasheet
725Kb / 27P
DIGITAL PROXIMITY DETECTOR
TMD26721 AMSCO-TMD26721 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TMD26723 AMSCO-TMD26723 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26711 TAOS-TMD26711 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TMD26713 TAOS-TMD26713 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TMD26723 TAOS-TMD26723 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
logo
ams AG
TSL26721 AMSCO-TSL26721 Datasheet
750Kb / 46P
Digital Proximity Detector
TMD2672 AMSCO-TMD2672_V01 Datasheet
527Kb / 43P
Digital Proximity Detector
2015-Mar-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com