Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL26713 Datasheet(PDF) 13 Page - ams AG

Part # TSL26713
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL26713 Datasheet(HTML) 13 Page - ams AG

Back Button TSL26713 Datasheet HTML 9Page - ams AG TSL26713 Datasheet HTML 10Page - ams AG TSL26713 Datasheet HTML 11Page - ams AG TSL26713 Datasheet HTML 12Page - ams AG TSL26713 Datasheet HTML 13Page - ams AG TSL26713 Datasheet HTML 14Page - ams AG TSL26713 Datasheet HTML 15Page - ams AG TSL26713 Datasheet HTML 16Page - ams AG TSL26713 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
ams Datasheet
Page 13
[v1-00] 2016-Jul-12
Document Feedback
TSL2671 − Principles of Operation
System State Machine
The device provides control of proximity detection and power
management functionality through an internal state machine.
After a power-on-reset, the device is in the sleep mode. As soon
as the PON bit is set, the device will move to the start state. It
will then cycle through the Proximity and Wait states. If these
states are enabled, the device will execute each function. If the
PON bit is set to a 0, the state machine will continue until the
current conversion is complete and then go into a low-power
sleep mode.
Figure 15:
Simplified State Diagram
Note(s):
1. In this document, the nomenclature uses the bit field name in italics followed by the register number and bit number to allow the
user to easily identify the register and bit that controls the function. For example, the power on (PON) is in register 0x00, bit 0. This
is represented as PON (r0x00:b0).
Principles of Operation
PON = 1
(r0x00:b0)
Sleep
Start
Wait
Prox
PON = 0
(r0x00:b0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com