Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C88 Datasheet (PDF) - Renesas Technology Corp

82C88 Datasheet PDF - Renesas Technology Corp
Part # 82C88
Download  82C88 Download
File Size   612.28 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Bus Controller

82C88 Datasheet (PDF)

Go To PDF Page Download Datasheet
82C88 Datasheet PDF - Renesas Technology Corp

Part # 82C88
Download  82C88 Click to download

File Size   612.28 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Bus Controller

82C88 Datasheet (HTML) - Renesas Technology Corp


82C88 Product details

The Intersil 82C88 is a high performance CMOS Bus Controller manufactured using a self-aligned silicon gate CMOS process (Scaled SAJI IV). The 82C88 provides the control and command timing signals for 80C86, 80C88, 8086, 8088, 8089, 80186, and 80188 based systems. The high output drive capability of the 82C88 eliminates the need for additional bus drivers.

Features
• Compatible with Bipolar 8288
• Performance Compatible with:
    - 80C86/80C88 . . . . . . . . . . . . . . . . . . . . . . . . . (5/8MHz)
    - 80186/80188. . . . . . . . . . . . . . . . . . . . . . . . . . (6/8MHz)
    - 8086/8088. . . . . . . . . . . . . . . . . . . . . . . . . . . . (5/8MHz)
    - 8089
• Provides Advanced Commands for Multi-Master Busses
• Three-State Command Outputs
• Bipolar Drive Capability
• Scaled SAJI IV CMOS Process
• Single 5V Power Supply
• Low Power Operation
    - ICCSB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10A (Max)
    - ICCOP . . . . . . . . . . . . . . . . . . . . . . . . . 1mA/MHz (Max)
• Operating Temperature Ranges
    - C82C88 . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
    - I82C88 . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
    - M82C88 . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - 82C88

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C88 INTERSIL-82C88 Datasheet
129Kb / 10P
CMOS Bus Controller
March 1997
82C88 INTERSIL-82C88 Datasheet
252Kb / 11P
CMOS Bus Controller
August 25, 2005
logo
List of Unclassifed Man...
82C881 ETC1-82C881 Datasheet
229Kb / 46P
FireLink 1394 OHCI Link Controller
logo
Intersil Corporation
82C88 INTERSIL-82C88_05 Datasheet
252Kb / 11P
CMOS Bus Controller
August 25, 2005
More results


Similar Description - 82C88

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM82C88-2RS OKI-MSM82C88-2RS Datasheet
667Kb / 10P
BUS CONTROLLER
logo
Intersil Corporation
82C88 INTERSIL-82C88 Datasheet
129Kb / 10P
CMOS Bus Controller
March 1997
logo
Mitel Networks Corporat...
MT8952B-1 MITEL-MT8952B-1 Datasheet
170Kb / 27P
ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8952B MITEL-MT8952B Datasheet
397Kb / 22P
ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT9079 MITEL-MT9079 Datasheet
567Kb / 54P
CMOS ST-BUS??FAMILY Advanced Controller for E1
logo
NEC
UPD71088 NEC-UPD71088 Datasheet
281Kb / 7P
System Bus Controller
logo
Advanced Micro Devices
AMD-766 AMD-AMD-766 Datasheet
568Kb / 96P
Peripheral Bus Controller
logo
Intersil Corporation
82C88 INTERSIL-82C88_05 Datasheet
252Kb / 11P
CMOS Bus Controller
August 25, 2005
logo
Renesas Technology Corp
M66011FP RENESAS-M66011FP Datasheet
2Mb / 13P
SERIAL BUS CONTROLLER
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
SCSI Bus Controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com