Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C88 Datasheet (PDF) - Intersil Corporation

82C88 Datasheet PDF - Intersil Corporation
Part # 82C88
Download  82C88 Download
File Size   129.57 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Bus Controller

82C88 Datasheet (PDF)

Go To PDF Page Download Datasheet
82C88 Datasheet PDF - Intersil Corporation

Part # 82C88
Download  82C88 Click to download

File Size   129.57 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Bus Controller

82C88 Datasheet (HTML) - Intersil Corporation


82C88 Product details

The Intersil 82C88 is a high performance CMOS Bus Controller manufactured using a self-aligned silicon gate CMOS process (Scaled SAJI IV). The 82C88 provides the control and command timing signals for 80C86, 80C88, 8086, 8088, 8089, 80186, and 80188 based systems. The high output drive capability of the 82C88 eliminates the need for additional bus drivers.

Features
• Compatible with Bipolar 8288
• Performance Compatible with:
    - 80C86/80C88 . . . . . . . . . . . . . . . . . . . . . . . . . (5/8MHz)
    - 80186/80188. . . . . . . . . . . . . . . . . . . . . . . . . . (6/8MHz)
    - 8086/8088. . . . . . . . . . . . . . . . . . . . . . . . . . . . (5/8MHz)
    - 8089
• Provides Advanced Commands for Multi-Master Busses
• Three-State Command Outputs
• Bipolar Drive Capability
• Scaled SAJI IV CMOS Process
• Single 5V Power Supply
• Low Power Operation
    - ICCSB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10µA (Max)
    - ICCOP . . . . . . . . . . . . . . . . . . . . . . . . . 1mA/MHz (Max)
• Operating Temperature Ranges
    - C82C88 . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
    - I82C88 . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
    - M82C88 . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - 82C88

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C88 INTERSIL-82C88 Datasheet
252Kb / 11P
CMOS Bus Controller
August 25, 2005
logo
Renesas Technology Corp
82C88 RENESAS-82C88 Datasheet
612Kb / 12P
CMOS Bus Controller
logo
List of Unclassifed Man...
82C881 ETC1-82C881 Datasheet
229Kb / 46P
FireLink 1394 OHCI Link Controller
logo
Intersil Corporation
82C88 INTERSIL-82C88_05 Datasheet
252Kb / 11P
CMOS Bus Controller
August 25, 2005
More results


Similar Description - 82C88

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM82C88-2RS OKI-MSM82C88-2RS Datasheet
667Kb / 10P
BUS CONTROLLER
logo
Mitel Networks Corporat...
MT8952B-1 MITEL-MT8952B-1 Datasheet
170Kb / 27P
ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8952B MITEL-MT8952B Datasheet
397Kb / 22P
ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT9079 MITEL-MT9079 Datasheet
567Kb / 54P
CMOS ST-BUS??FAMILY Advanced Controller for E1
logo
NEC
UPD71088 NEC-UPD71088 Datasheet
281Kb / 7P
System Bus Controller
logo
Advanced Micro Devices
AMD-766 AMD-AMD-766 Datasheet
568Kb / 96P
Peripheral Bus Controller
logo
Intersil Corporation
82C88 INTERSIL-82C88_05 Datasheet
252Kb / 11P
CMOS Bus Controller
August 25, 2005
logo
Renesas Technology Corp
M66011FP RENESAS-M66011FP Datasheet
2Mb / 13P
SERIAL BUS CONTROLLER
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
SCSI Bus Controller
logo
Renesas Technology Corp
82C88 RENESAS-82C88 Datasheet
612Kb / 12P
CMOS Bus Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com