Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HI5714 Datasheet (PDF) - Renesas Technology Corp

HI5714 Datasheet PDF - Renesas Technology Corp
Part # HI5714
Download  HI5714 Download
File Size   617.77 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Bit, 40/60/75/80 MSPS A/D Converter

HI5714 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI5714 Datasheet PDF - Renesas Technology Corp

Part # HI5714
Download  HI5714 Click to download

File Size   617.77 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Bit, 40/60/75/80 MSPS A/D Converter

HI5714 Datasheet (HTML) - Renesas Technology Corp


HI5714 Product details

The HI5714 is a high precision, monolithic, 8-bit, Analog-to-Digital Converter fabricated in Intersil’ advanced HBC10 BiCMOS process.

Features
• Sampling Rate . . . . . . . . . . . . . . . . . . . 40/60/75/80 MSPS
• Low Power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .325mW
• 7.65 ENOB at 4.43MHz
• Overflow/Underflow Three-State TTL Output
• Operates with Low Level AC Clock
• Very Low Analog Input Capacitance
• No Buffer Amplifier Required
• No Sample and Hold Required
• TTL Compatible I/O
• Pin-Compatible to Philips TDA8714
• Pb-free Available

Applications
• Video Digitizing
• QAM Demodulator
• Digital Cable Setup Box
• Tape Drive/Mass Storage
• Medical Ultrasound Imaging
• Communication Systems




Similar Part No. - HI5714

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5714 INTERSIL-HI5714 Datasheet
114Kb / 13P
8-Bit, 40/60/75/80 MSPS A/D Converter
January 1998
HI5714 INTERSIL-HI5714 Datasheet
597Kb / 14P
8-Bit, 40/60/75/80 MSPS A/D Converter
July 2004
HI5714/4CB INTERSIL-HI5714/4CB Datasheet
114Kb / 13P
8-Bit, 40/60/75/80 MSPS A/D Converter
January 1998
HI5714/4CB INTERSIL-HI5714/4CB Datasheet
597Kb / 14P
8-Bit, 40/60/75/80 MSPS A/D Converter
July 2004
HI5714/4CBZ INTERSIL-HI5714/4CBZ Datasheet
597Kb / 14P
8-Bit, 40/60/75/80 MSPS A/D Converter
July 2004
More results


Similar Description - HI5714

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9057 AD-AD9057 Datasheet
184Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV.B
AD9288 AD-AD9288 Datasheet
205Kb / 16P
8-Bit, 40/80/100 MSPS Dual A/D Converter
REV.0
logo
Intersil Corporation
HI5714 INTERSIL-HI5714 Datasheet
114Kb / 13P
8-Bit, 40/60/75/80 MSPS A/D Converter
January 1998
HI5714 INTERSIL-HI5714_04 Datasheet
597Kb / 14P
8-Bit, 40/60/75/80 MSPS A/D Converter
July 2004
logo
Analog Devices
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9288 AD-AD9288_15 Datasheet
833Kb / 24P
8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com