Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9288 Datasheet (PDF) - Analog Devices

AD9288 Datasheet PDF - Analog Devices
Part # AD9288
Download  AD9288 Download
File Size   205.45 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit, 40/80/100 MSPS Dual A/D Converter

AD9288 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9288 Datasheet PDF - Analog Devices

Part # AD9288
Download  AD9288 Click to download

File Size   205.45 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit, 40/80/100 MSPS Dual A/D Converter

AD9288 Datasheet (HTML) - Analog Devices


AD9288 Product details

GENERAL DESCRIPTION
The AD9288 is a dual 8-bit monolithic sampling analog-to-digital converter with on-chip track-and-hold circuits. It is optimized for low cost, low power, small size, and ease of use. The product operates at a 100 MSPS conversion rate with outstanding dynamic performance over its full operating range. Each channel can be operated independently.
   
FEATURES
    Dual 8-bit, 40 MSPS, 80 MSPS, and 100 MSPS ADC
    Low power: 90 mW at 100 MSPS per channel
    On-chip reference and track-and-hold
    475 MHz analog bandwidth each channel
    SNR = 47 dB @ 41 MHz
    1 V p-p analog input range each channel
    Single 3.0 V supply operation (2.7 V to 3.6 V)
    Standby mode for single-channel operation
    Twos complement or offset binary output mode
    Output data alignment mode
    Pin-compatible 10-bit upgrade available
   
APPLICATIONS
    Battery-powered instruments
    Hand-held scopemeters
    Low cost digital oscilloscopes
    I and Q communications
   




Similar Part No. - AD9288

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9288 AD-AD9288 Datasheet
833Kb / 24P
8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288 AD-AD9288 Datasheet
633Kb / 25P
Dual A/D Converter
Rev. C
AD9288 AD-AD9288 Datasheet
833Kb / 24P
8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288/PCB AD-AD9288/PCB Datasheet
633Kb / 25P
Dual A/D Converter
Rev. C
AD9288BST-100 AD-AD9288BST-100 Datasheet
833Kb / 24P
8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
More results


Similar Description - AD9288

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9057 AD-AD9057 Datasheet
184Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV.B
AD9288BSTZ-40 AD-AD9288BSTZ-40 Datasheet
833Kb / 24P
8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9288BSTZ-80 AD-AD9288BSTZ-80 Datasheet
833Kb / 24P
8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9288 AD-AD9288_15 Datasheet
833Kb / 24P
8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
8-Bit, 40/60/75/80 MSPS A/D Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com