Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9288 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9288
Description  8-Bit, 40/80/100 MSPS Dual A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9288 Datasheet(HTML) 1 Page - Analog Devices

  AD9288 Datasheet HTML 1Page - Analog Devices AD9288 Datasheet HTML 2Page - Analog Devices AD9288 Datasheet HTML 3Page - Analog Devices AD9288 Datasheet HTML 4Page - Analog Devices AD9288 Datasheet HTML 5Page - Analog Devices AD9288 Datasheet HTML 6Page - Analog Devices AD9288 Datasheet HTML 7Page - Analog Devices AD9288 Datasheet HTML 8Page - Analog Devices AD9288 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
a
AD9288
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
8-Bit, 40/80/100 MSPS
Dual A/D Converter
FUNCTIONAL BLOCK DIAGRAM
T/H
ADC
REF
T/H
ADC
8
8
8
8
TIMING
TIMING
AD9288
VDD
D7A–D0A
SELECT #1
SELECT #2
DATA FORMAT
SELECT
D7B–D0B
ENCA
AINA
AINA
REFINA
REFOUT
REFINB
AINB
AINB
ENCB
VD
GND
VDD
FEATURES
Dual 8-Bit, 40 MSPS, 80 MSPS, and 100 MSPS ADC
Low Power: 90 mW at 100 MSPS per Channel
On-Chip Reference and Track/Holds
475 MHz Analog Bandwidth Each Channel
SNR = 47 dB @ 41 MHz
1 V p-p Analog Input Range Each Channel
Single +3.0 V Supply Operation (2.7 V–3.6 V)
Standby Mode for Single Channel Operation
Twos Complement or Offset Binary Output Mode
Output Data Alignment Mode
APPLICATIONS
Battery Powered Instruments
Hand-Held Scopemeters
Low Cost Digital Oscilloscopes
I and Q Communications
GENERAL DESCRIPTION
The AD9288 is a dual 8-bit monolithic sampling analog-to-
digital converter with on-chip track-and-hold circuits and is
optimized for low cost, low power, small size and ease of use.
The product operates at a 100 MSPS conversion rate with out-
standing dynamic performance over its full operating range.
Each channel can be operated independently.
The ADC requires only a single 3.0 V (2.7 V to 3.6 V) power
supply and an encode clock for full-performance operation. No
external reference or driver components are required for many
applications. The digital outputs are TTL/CMOS compatible
and a separate output power supply pin supports interfacing
with 3.3 V or 2.5 V logic.
The encode input is TTL/CMOS compatible and the 8-bit
digital outputs can be operated from +3.0 V (2.5 V to 3.6 V)
supplies. User-selectable options are available to offer a combi-
nation of standby modes, digital data formats and digital data
timing schemes. In standby mode, the digital outputs are driven
to a high impedance state.
Fabricated on an advanced CMOS process, the AD9288 is avail-
able in a 48-lead surface mount plastic package (7
× 7 mm,
1.4 mm LQFP) specified over the industrial temperature range
(–40
°C to +85°C).


Similar Part No. - AD9288

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9288 AD-AD9288 Datasheet
833Kb / 24P
8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288 AD-AD9288 Datasheet
633Kb / 25P
Dual A/D Converter
Rev. C
AD9288 AD-AD9288 Datasheet
833Kb / 24P
8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288/PCB AD-AD9288/PCB Datasheet
633Kb / 25P
Dual A/D Converter
Rev. C
AD9288BST-100 AD-AD9288BST-100 Datasheet
833Kb / 24P
8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
More results

Similar Description - AD9288

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9057 AD-AD9057 Datasheet
184Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV.B
AD9288BSTZ-40 AD-AD9288BSTZ-40 Datasheet
833Kb / 24P
8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9288BSTZ-80 AD-AD9288BSTZ-80 Datasheet
833Kb / 24P
8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9288 AD-AD9288_15 Datasheet
833Kb / 24P
8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
8-Bit, 40/60/75/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com