Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9288 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9288
Description  8-Bit, 40/80/100 MSPS Dual A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9288 Datasheet(HTML) 2 Page - Analog Devices

  AD9288 Datasheet HTML 1Page - Analog Devices AD9288 Datasheet HTML 2Page - Analog Devices AD9288 Datasheet HTML 3Page - Analog Devices AD9288 Datasheet HTML 4Page - Analog Devices AD9288 Datasheet HTML 5Page - Analog Devices AD9288 Datasheet HTML 6Page - Analog Devices AD9288 Datasheet HTML 7Page - Analog Devices AD9288 Datasheet HTML 8Page - Analog Devices AD9288 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
AD9288–SPECIFICATIONS
Test
AD9288BST-100
AD9288BST-80
AD9288BST-40
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
8
8
8
Bits
DC ACCURACY
Differential Nonlinearity
+25
°CI
±0.5
+1.25
±0.5
+1.25
±0.5
+1.25
LSB
Full
VI
+1.50
+1.50
+1.50
LSB
Integral Nonlinearity
+25
°CI
±0.50 +1.25
±0.50 +1.25
±0.50 +1.25
LSB
Full
VI
+1.50
+1.50
+1.50
LSB
No Missing Codes
Full
VI
Guaranteed
Guaranteed
Guaranteed
Gain Error
1
+25
°CI
–6
±2.5
+6
–6
±2.5
+6
–6
±2.5
+6
% FS
Full
VI
–8
+8
–8
+8
–8
+8
% FS
Gain Tempco
1
Full
VI
80
80
80
ppm/
°C
Gain Matching
+25
°CV
±1.5
±1.5
±1.5
% FS
Voltage Matching
+25
°CV
±15
±15
±15
mV
ANALOG INPUT
Input Voltage Range
(With Respect to
AIN)
Full
V
±512
±512
±512
mV p-p
Common-Mode Voltage
Full
V
±200
±200
±200
mV
Input Offset Voltage
+25
°C
I
–35
±10
+35
–35
±10
+35
–35
±10
+35
mV
Full
VI
±40
±40
±40
mV
Reference Voltage
Full
VI
1.2
1.25
1.3
1.2
1.25
1.3
1.2
1.25
1.3
V
Reference Tempco
Full
VI
±130
±130
±130
ppm/
°C
Input Resistance
+25
°C
I
7
10
13
7
10
13
7
10
13
k
Ω
Full
VI
5
16
5
16
5
16
k
Ω
Input Capacitance
+25
°CV
2
2
2
pF
Analog Bandwidth, Full Power
+25
°C
V
475
475
475
MHz
SWITCHING PERFORMANCE
Maximum Conversion Rate
Full
VI
100
80
40
MSPS
Minimum Conversion Rate
+25
°C
IV
111
MSPS
Encode Pulsewidth High (tEH)
+25
°C
IV
4.3
1000
5.0
1000
8.0
1000
ns
Encode Pulsewidth Low (tEL)
+25
°C
IV
4.3
1000
5.0
1000
8.0
1000
ns
Aperture Delay (tA)
+25
°CV
0
0
0
ns
Aperture Uncertainty (Jitter)
+25
°C
V
5
5
5
ps rms
Output Valid Time (tV)
2
Full
VI
3.0
3.0
3.0
ns
Output Propagation Delay (tPD)
2
Full
VI
4.5
4.5
4.5
ns
DIGITAL INPUTS
Logic “1” Voltage
Full
VI
2.0
2.0
2.0
V
Logic “0” Voltage
Full
VI
0.8
0.8
0.8
V
Logic “1” Current
Full
VI
±1
±1
±1
µA
Logic “0” Current
Full
VI
±1
±1
±1
µA
Input Capacitance
+25
°C
V
2.0
2.0
2.0
pF
DIGITAL OUTPUTS
3
Logic “1” Voltage
Full
VI
2.45
2.45
2.45
V
Logic “0” Voltage
Full
VI
0.05
0.05
0.05
V
POWER SUPPLY
Power Dissipation
4
Full
VI
180
218
171
207
156
189
mW
Standby Dissipation
4, 5
Full
VI
6
11
6
11
6
11
mW
Power Supply Rejection Ratio
(PSRR)
+25
°C
I
8
20
8
20
8
20
mV/V
DYNAMIC PERFORMANCE
6
Transient Response
+25
°CV
2
2
2
ns
Overvoltage Recovery Time
+25
°CV
2
2
2
ns
Signal-to-Noise Ratio (SNR)
(Without Harmonics)
fIN = 10.3 MHz
+25
°C
I
47.5
47.5
44
47.5
dB
fIN = 26 MHz
+25
°C
I
47.5
44
47
dB
fIN = 41 MHz
+25
°C
I
44
47.0
dB
(VDD = 3.0 V; VD = 3.0 V, Differential Input; External reference unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com