Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HI5746 Datasheet (PDF) - Renesas Technology Corp

HI5746 Datasheet PDF - Renesas Technology Corp
Part # HI5746
Download  HI5746 Download
File Size   738.69 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10-Bit, 40MSPS A/D Converter

HI5746 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI5746 Datasheet PDF - Renesas Technology Corp

Part # HI5746
Download  HI5746 Click to download

File Size   738.69 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10-Bit, 40MSPS A/D Converter

HI5746 Datasheet (HTML) - Renesas Technology Corp


HI5746 Product details

The HI5746 is a monolithic, 10-bit, analog-to-digital converter fabricated in a CMOS process. It is designed for high speed applications where wide bandwidth and low power consumption are essential. Its 40MSPS speed is made possible by a fully differential pipelined architecture with an internal sample and hold.

Features
• Sampling Rate . . . . . . . . . . . . . . . . . . . . . . . . . . 40MSPS
• 8.8 Bits at fIN = 10MHz
• Low Power at 40MSPS . . . . . . . . . . . . . . . . . . . . 225mW
• Wide Full Power Input Bandwidth . . . . . . . . . . . . 250MHz
• On-Chip Sample and Hold
• Fully Differential or Single-Ended Analog Input
• Single Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . +5V
• TTL/CMOS Compatible Digital Inputs
• CMOS Compatible Digital Outputs. . . . . . . . . . . . 3.0/5.0V
• Offset Binary or Two’s Complement Output Format
• Pb-free Available

Applications
• Professional Video Digitizing
• Medical Imaging
• Digital Communication Systems
• High Speed Data Acquisition




Similar Part No. - HI5746

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
10-Bit, 40 MSPS A/D Converter
February 1999
HI5746 INTERSIL-HI5746 Datasheet
826Kb / 16P
10-Bit, 40MSPS A/D Converter
July 2004
HI5746EVAL1 INTERSIL-HI5746EVAL1 Datasheet
145Kb / 17P
10-Bit, 40 MSPS A/D Converter
February 1999
HI5746EVAL1 INTERSIL-HI5746EVAL1 Datasheet
826Kb / 16P
10-Bit, 40MSPS A/D Converter
July 2004
HI5746KCA INTERSIL-HI5746KCA Datasheet
145Kb / 17P
10-Bit, 40 MSPS A/D Converter
February 1999
More results


Similar Description - HI5746

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSA0801 STMICROELECTRONICS-TSA0801 Datasheet
222Kb / 20P
8-BIT, 40MSPS, 40mW A/D CONVERTER
Oct-2000
TSA1005 STMICROELECTRONICS-TSA1005 Datasheet
558Kb / 22P
DUAL-CHANNEL, 10-BIT, 20/40MSPS A/D CONVERTER
Jun-2003
TSA1203 STMICROELECTRONICS-TSA1203 Datasheet
488Kb / 20P
DUAL-CHANNEL, 12-BIT, 40MSPS, 230mW A/D CONVERTER
Feb-2003
logo
Sony Corporation
CXD1170M SONY-CXD1170M Datasheet
145Kb / 8P
6-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
8-bit 40MSPS High Speed D/A Converter
CXD1177Q SONY-CXD1177Q Datasheet
200Kb / 13P
8-bit 40MSPS YC 2-channel D/A Converter
logo
Intersil Corporation
HI1177 INTERSIL-HI1177 Datasheet
105Kb / 8P
8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
HI5746 INTERSIL-HI5746_04 Datasheet
826Kb / 16P
10-Bit, 40MSPS A/D Converter
July 2004
logo
STMicroelectronics
TSA1203 STMICROELECTRONICS-TSA1203_06 Datasheet
442Kb / 30P
Dual-channel 12-bit 40Msps 215mW A/D converter
12-Dec-2006
logo
Renesas Technology Corp
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com