Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1203 Datasheet (PDF) - STMicroelectronics

TSA1203 Datasheet PDF - STMicroelectronics
Part # TSA1203
Download  TSA1203 Download
File Size   488.81 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL-CHANNEL, 12-BIT, 40MSPS, 230mW A/D CONVERTER

TSA1203 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSA1203 Datasheet PDF - STMicroelectronics

Part # TSA1203
Download  TSA1203 Click to download

File Size   488.81 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL-CHANNEL, 12-BIT, 40MSPS, 230mW A/D CONVERTER

TSA1203 Datasheet (HTML) - STMicroelectronics


TSA1203 Product details

DESCRIPTION
The TSA1203 is a new generation of high speed, dual-channel Analog to Digital converter processed in a mainstream 0.25µm CMOS technology yielding high performances and very low power consumption.
   
■ Low power consumption: 230mW@40Msps
■ Single supply voltage: 2.5V
    Independent supply for CMOS output stage
    with 2.5V/3.3V capability
■ SFDR= -68.3 dBc @ Fin=10MHz
■ 1GHz analog bandwidth Track-and-Hold
■ Common clocking between channels
■ Dual simultaneous Sample and Hold inputs
■ Multiplexed outputs
■ Built-in reference voltage with external bias
    capability
   
APPLICATIONS
■ Medical imaging and ultrasound
■ 3G basestation
■ I/Q signal processing applications
■ High speed data acquisition system
■ Portable instrumentation
   




Similar Part No. - TSA1203

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSA1203 STMICROELECTRONICS-TSA1203 Datasheet
452Kb / 30P
Dual-channel 12-bit 40Msps 215mW A/D converter
12-Dec-2006
TSA1203IF STMICROELECTRONICS-TSA1203IF Datasheet
442Kb / 30P
Dual-channel 12-bit 40Msps 215mW A/D converter
12-Dec-2006
TSA1203IF STMICROELECTRONICS-TSA1203IF Datasheet
452Kb / 30P
Dual-channel 12-bit 40Msps 215mW A/D converter
12-Dec-2006
TSA1203IFT-E STMICROELECTRONICS-TSA1203IFT-E Datasheet
442Kb / 30P
Dual-channel 12-bit 40Msps 215mW A/D converter
12-Dec-2006
TSA1203IFT-E STMICROELECTRONICS-TSA1203IFT-E Datasheet
452Kb / 30P
Dual-channel 12-bit 40Msps 215mW A/D converter
12-Dec-2006
More results


Similar Description - TSA1203

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSA1005 STMICROELECTRONICS-TSA1005 Datasheet
558Kb / 22P
DUAL-CHANNEL, 10-BIT, 20/40MSPS A/D CONVERTER
Jun-2003
logo
Sony Corporation
CXD1177Q SONY-CXD1177Q Datasheet
200Kb / 13P
8-bit 40MSPS YC 2-channel D/A Converter
CXD1178Q SONY-CXD1178Q Datasheet
233Kb / 15P
8-bit 40MSPS RGB 3-channel D/A Converter
logo
Intersil Corporation
HI1177 INTERSIL-HI1177 Datasheet
105Kb / 8P
8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Intersil Corporation
HI5746 INTERSIL-HI5746_04 Datasheet
826Kb / 16P
10-Bit, 40MSPS A/D Converter
July 2004
logo
STMicroelectronics
TSA1203 STMICROELECTRONICS-TSA1203_06 Datasheet
442Kb / 30P
Dual-channel 12-bit 40Msps 215mW A/D converter
12-Dec-2006
logo
Texas Instruments
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Renesas Technology Corp
HI5746 RENESAS-HI5746 Datasheet
738Kb / 16P
10-Bit, 40MSPS A/D Converter
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com