Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1203 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSA1203
Description  DUAL-CHANNEL, 12-BIT, 40MSPS, 230mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1203 Datasheet(HTML) 1 Page - STMicroelectronics

  TSA1203 Datasheet HTML 1Page - STMicroelectronics TSA1203 Datasheet HTML 2Page - STMicroelectronics TSA1203 Datasheet HTML 3Page - STMicroelectronics TSA1203 Datasheet HTML 4Page - STMicroelectronics TSA1203 Datasheet HTML 5Page - STMicroelectronics TSA1203 Datasheet HTML 6Page - STMicroelectronics TSA1203 Datasheet HTML 7Page - STMicroelectronics TSA1203 Datasheet HTML 8Page - STMicroelectronics TSA1203 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
s Low power consumption: 230mW@40Msps
s Single supply voltage: 2.5V
Independent supply for CMOS output stage
with 2.5V/3.3V capability
s SFDR= -68.3 dBc @ Fin=10MHz
s 1GHz analog bandwidth Track-and-Hold
s Common clocking between channels
s Dual simultaneous Sample and Hold inputs
s Multiplexed outputs
s Built-in reference voltage with external bias
capability
DESCRIPTION
The TSA1203 is a new generation of high speed,
dual-channel Analog to Digital converter pro-
cessed in a mainstream 0.25µm CMOS technolo-
gy yielding high performances and very low power
consumption.
The TSA1203 is specifically designed for applica-
tions requiring very low noise floor, high SFDR
and good isolation between channels. It is based
on a pipeline structure and digital error correction
to provide high static linearity at Fs=40Msps, and
Fin=10MHz.
For each channel, a voltage reference is integrat-
ed to simplify the design and minimize external
components. It is nevertheless possible to use the
circuit with external references.
Each ADC outputs are multiplexed in a common
bus with small number of pins. A tri-state capabili-
ty is available for the outputs, allowing chip selec-
tion. The inputs of the ADC must be differentially
driven.
The TSA1203 is available in extended (0 to
+85°C) temperature range, in a small 48 pins
TQFP package.
APPLICATIONS
s Medical imaging and ultrasound
s 3G basestation
s I/Q signal processing applications
s High speed data acquisition system
s Portable instrumentation
ORDER CODE
PIN CONNECTIONS (top view)
BLOCK DIAGRAM
PACKAGE
Part Number
Temperature
Range
Package
Conditioning
Marking
TSA1203IF
0°C to +85°C
TQFP48
Tray
SA1203I
TSA1203IFT
0°C to +85°C
TQFP48
Tape & Reel
SA1203I
EVAL1203/BA
Evaluation board
D5
D6
D7
D8
D9
D10
D11(MSB)
AVCCB
index
corner
1
2
3
4
5
6
7
8
9
10
11
32
31
30
29
28
27
26
13
14 15
16
17
18 19
20
21
22
47
25
33
12
23
24
35
34
36
48
44 43
42
41
40
39
38 37
46
45
TSA1203
VCCBE
GNDBE
AGND
INI
AGND
AGND
IPOL
AGND
AGND
INBQ
INIB
AGND
INQ
D2
D3
D4
Timing
Buffers
IPOL
CLK
+2.5V/3.3V
VINI
VINBI
OEB
VINCMI
GND
VINQ
VINBQ
VINCMQ
AD 12
I channel
AD 12
Q channel
12
12
12
12
M
U
X
REF I
REF Q
SELECT
VREFPI
VREFPQ
Polar.
VREFMI
VREFMQ
common mode
common mode
D0
TO
D11
VCCBE
GNDBE
7
× 7 mm TQFP48
TSA1203
DUAL-CHANNEL, 12-BIT, 40MSPS, 230mW A/D CONVERTER
February 2003


Similar Part No. - TSA1203

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSA1203 STMICROELECTRONICS-TSA1203 Datasheet
452Kb / 30P
Dual-channel 12-bit 40Msps 215mW A/D converter
12-Dec-2006
TSA1203IF STMICROELECTRONICS-TSA1203IF Datasheet
442Kb / 30P
Dual-channel 12-bit 40Msps 215mW A/D converter
12-Dec-2006
TSA1203IF STMICROELECTRONICS-TSA1203IF Datasheet
452Kb / 30P
Dual-channel 12-bit 40Msps 215mW A/D converter
12-Dec-2006
TSA1203IFT-E STMICROELECTRONICS-TSA1203IFT-E Datasheet
442Kb / 30P
Dual-channel 12-bit 40Msps 215mW A/D converter
12-Dec-2006
TSA1203IFT-E STMICROELECTRONICS-TSA1203IFT-E Datasheet
452Kb / 30P
Dual-channel 12-bit 40Msps 215mW A/D converter
12-Dec-2006
More results

Similar Description - TSA1203

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSA1005 STMICROELECTRONICS-TSA1005 Datasheet
558Kb / 22P
DUAL-CHANNEL, 10-BIT, 20/40MSPS A/D CONVERTER
Jun-2003
logo
Sony Corporation
CXD1177Q SONY-CXD1177Q Datasheet
200Kb / 13P
8-bit 40MSPS YC 2-channel D/A Converter
CXD1178Q SONY-CXD1178Q Datasheet
233Kb / 15P
8-bit 40MSPS RGB 3-channel D/A Converter
logo
Intersil Corporation
HI1177 INTERSIL-HI1177 Datasheet
105Kb / 8P
8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Intersil Corporation
HI5746 INTERSIL-HI5746_04 Datasheet
826Kb / 16P
10-Bit, 40MSPS A/D Converter
July 2004
logo
STMicroelectronics
TSA1203 STMICROELECTRONICS-TSA1203_06 Datasheet
442Kb / 30P
Dual-channel 12-bit 40Msps 215mW A/D converter
12-Dec-2006
logo
Texas Instruments
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Renesas Technology Corp
HI5746 RENESAS-HI5746 Datasheet
738Kb / 16P
10-Bit, 40MSPS A/D Converter
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com