Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1203 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSA1203
Description  DUAL-CHANNEL, 12-BIT, 40MSPS, 230mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1203 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSA1203 Datasheet HTML 10Page - STMicroelectronics TSA1203 Datasheet HTML 11Page - STMicroelectronics TSA1203 Datasheet HTML 12Page - STMicroelectronics TSA1203 Datasheet HTML 13Page - STMicroelectronics TSA1203 Datasheet HTML 14Page - STMicroelectronics TSA1203 Datasheet HTML 15Page - STMicroelectronics TSA1203 Datasheet HTML 16Page - STMicroelectronics TSA1203 Datasheet HTML 17Page - STMicroelectronics TSA1203 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
TSA1203
14/20
Figure 5 : DC-coupled 2Vpp differential analog
input
Clock input
The TSA1203 performance is very dependant on
your clock input accuracy, in terms of aperture
jitter; the use of low jitter crystal controlled
oscillator is recommended.
The duty cycle must be between 45% and 55%.
The clock power supplies must be separated from
the ADC output ones to avoid digital noise
modulation at the output.
It is recommended to keep the circuit clocked, to
avoid random states, before applying the supply
voltages.
Power consumption
So as to optimize both performance and power
consumption of the TSA1203 according the
sampling frequency, a resistor is placed between
IPOL and the analog Ground pins. Therefore, the
total dissipation is adjustable from 30Msps up to
40Msps.
The TSA1203 will combine highest performances
and lowest consumption at 40Msps when Rpol is
equal to 18k
Ω. This value is nevertheless depen-
dant on application and environment.
At lower sampling frequency range, this value of
resistor may be adjusted in order to decrease the
analog
current
without
any
degradation
of
dynamic performances.
The table below sums up the relevant data.
Figure 6 : Total power consumption optimization
depending on Rpol value
APPLICATION
Layout precautions
To use the ADC circuits in the best manner at high
frequencies, some precautions have to be taken
for power supplies:
- First of all, the implementation of 4 separate
proper supplies and ground planes (analog,
digital, internal and external buffer ones) on the
PCB is advised for high speed circuit applications
to provide low inductance and low resistance
common return.
The separation of the analog signal from the
digital part is mandatory to prevent noise from
coupling
onto
the
input
signal.
The
best
compromise is to connect from one part AGND,
DGND, GNDBI in a common point whereas
GNDBE must be isolated. Similarly, The power
supplies AVCC, DVCC and VCCBI must be
separated from the VCCBE one.
- Power supply bypass capacitors must be placed
as close as possible to the IC pins in order to
improve high frequency bypassing and reduce
harmonic distortion.
- Proper termination of all inputs and outputs must
be incorporated with output termination resistors;
then the amplifier load will be only resistive and
the stability of the amplifier will be improved. All
leads must be wide and as short as possible
especially for the analog input in order to decrease
parasitic capacitance and inductance.
- To keep the capacitive loading as low as
possible at digital outputs, short lead lengths of
routing are essential to minimize currents when
the output changes. To minimize this output
capacitance, buffers or latches close to the output
pins will relax this constraint.
- Choose component sizes as small as possible
(SMD).
Digital Interface application
Thanks to its wide external buffer power supply
range, the TSA1203 is perfectly suitable to plug in
to 2.5V low voltage DSPs or digital interfaces as
well as to 3.3V ones.
Medical Imaging application
Driven by the demand of the applications requiring
nowadays either portability or high degree of par-
allelism (or both), this product has been devel-
oped to satisfy medical imaging, and telecom in-
frastructures needs.
As a typical system diagram shows figure 7, a nar-
row input beam of acoustic energy is sent into a
living body via the transducer and the energy re-
flected back is analyzed.
Fs (Msps)
30
35
40
Rpol (
k
Ω)
38
28
18
Optimized
power (mW)
145
180
230
TSA1203
VIN
VINB
INCM
330pF
4.7uF
10nF
analog
DC
AC+DC
VREFP
VREFM
VREFP-VREFM = 1 V
DC
analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com