Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1203 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSA1203
Description  DUAL-CHANNEL, 12-BIT, 40MSPS, 230mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1203 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSA1203 Datasheet HTML 7Page - STMicroelectronics TSA1203 Datasheet HTML 8Page - STMicroelectronics TSA1203 Datasheet HTML 9Page - STMicroelectronics TSA1203 Datasheet HTML 10Page - STMicroelectronics TSA1203 Datasheet HTML 11Page - STMicroelectronics TSA1203 Datasheet HTML 12Page - STMicroelectronics TSA1203 Datasheet HTML 13Page - STMicroelectronics TSA1203 Datasheet HTML 14Page - STMicroelectronics TSA1203 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TSA1203
11/20
Linearity vs. Duty Cycle
Fs=40MHz; Icca=60mA; Fin=5MHz
Distortion vs. Duty Cycle
Fs=40MHz; Icca=60mA; Fin=5MHz
Single-tone 8K FFT at 40Msps - Q Channel
Fin=5MHz; Icca=60mA, Vin@-1dBFS
Dual-tone 8K FFT at 40Msps - Q Channel
Fin1=0.93MHz; Fin2=1.11MHz; Icca=70mA, Vin1@-7dBFS; Vin2@-7dBFS; IMD=-69dBc
40
50
60
70
80
90
100
48
49
50
51
52
Positive Duty Cycle (%)
4
5
6
7
8
9
10
11
12
SINAD_Q
SNR_Q
ENOB_Q
ENOB_I
SNR_I SINAD_I
-100
-90
-80
-70
-60
-50
-40
48
49
50
51
52
Positive Duty Cycle (%)
THD_Q
SFDR_Q
THD_I
SFDR_I
2
4
6
8
1214
1618
20
10
-20
-40
-60
-100
-80
-140
0
-120
Frequency (MHz)
2.5
5
7.5
10
15
17.5
20
12.5
-20
-40
-60
-100
-80
0
-120
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com