Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1203 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSA1203
Description  DUAL-CHANNEL, 12-BIT, 40MSPS, 230mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1203 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSA1203 Datasheet HTML 11Page - STMicroelectronics TSA1203 Datasheet HTML 12Page - STMicroelectronics TSA1203 Datasheet HTML 13Page - STMicroelectronics TSA1203 Datasheet HTML 14Page - STMicroelectronics TSA1203 Datasheet HTML 15Page - STMicroelectronics TSA1203 Datasheet HTML 16Page - STMicroelectronics TSA1203 Datasheet HTML 17Page - STMicroelectronics TSA1203 Datasheet HTML 18Page - STMicroelectronics TSA1203 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
TSA1203
15/20
Figure 7 : Medical imaging application
The transducer is a piezoelectric ceramic such as
zirconium titanate. The whole array can reach up
to 512 channels.
The TX beam former, amplified by the HV TX
amps, delivers up to 100V amplitude excitation
pulses with phase and amplitude shifts.
The mux and T/R switch is a two way input signal
transmitter/ output receiver.
To compensate for skin and tissues attenuation
effects, The Time Gain Compensation (TGC) am-
plifier is an exponential amplifier that enables the
amplification of low voltage signals to the ADC in-
put range. Differential output structure with low
noise and very high linearity are mandatory fac-
tors.
These applications need high speed, low power
and high performance ADCs. 10-12 bit
resolution is necessary to lower the quantification
noise. As multiple channels are used, a dual con-
verter is a must for room saving issues.
The input signal is in the range of 2 to 20MHz
(mainly 2 to 7MHz) and the application uses most-
ly a 4 over-sampling ratio for Spurious Free Dy-
namic Range (SFDR) optimization.
The next RX beam former and processing blocks
enable the analysis of the outputs channels ver-
sus the input beam.
EVAL1203/BA evaluation board
The EVAL1203/BA is a 4-layer board with high
decoupling and grounding level. The schematic of
the evaluation board is reported figure 11 and its
top overlay view figure 10. The characterization of
the board has been made with a fully ADC
devoted test bench as shown on Figure 8. The
analog input signal must be filtered to be very
pure.
The dataready signal is the acquisition clock of the
logic analyzer.
The ADC digital outputs are latched by the octal
buffers 74LCX573.
All characterization measurements have been
made with:
- SFSR=1dB for static parameters.
- SFSR=-1dB for dynamic parameters.
Figure 8 : Analog to Digital Converter characterization bench
Mux and
T/R
switches
TX
beam
former
Processing
and display
RX
beam
former
ADC
TGC amplifier
HV TX amps
Sine Wave
Generator
HP8644
ADC
evaluation
board
Pulse
Generator
Logic
Analyzer
Sine Wave
Generator
HP8644
HP8133
Vin
Clk
Data
Clk
PC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com