Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HI5766 Datasheet (PDF) - Renesas Technology Corp

HI5766 Datasheet PDF - Renesas Technology Corp
Part # HI5766
Download  HI5766 Download
File Size   779.03 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10-Bit, 60MSPS A/D Converter

HI5766 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI5766 Datasheet PDF - Renesas Technology Corp

Part # HI5766
Download  HI5766 Click to download

File Size   779.03 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10-Bit, 60MSPS A/D Converter

HI5766 Datasheet (HTML) - Renesas Technology Corp


HI5766 Product details

10-Bit, 60MSPS A/D Converter

The HI5766 is a monolithic, 10-bit, analog-to-digital converter fabricated in a CMOS process. It is designed for high speed applications where wide bandwidth and low power consumption are essential. Its 60MSPS speed is made possible by a fully differential pipelined architecture with an internal sample and hold.

Features
• Sampling Rate . . . . . . . . . . . . . . . . . . . . . . . . . . 60MSPS
• 8.3 Bits at fIN = 10MHz
• Low Power at 60MSPS . . . . . . . . . . . . . . . . . . . . 260mW
• Wide Full Power Input Bandwidth . . . . . . . . . . . . 250MHz
• On Chip Sample and Hold
• Fully Differential or Single-Ended Analog Input
• Single Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . .+5V
• TTL/CMOS Compatible Digital Inputs
• CMOS Compatible Digital Outputs. . . . . . . . . . . . 3.0/5.0V
• Offset Binary or Two’s Complement Output Format
• Pb-Free Available (RoHS Compliant)

Applications
• Professional Video Digitizing
• Medical Imaging
• Digital Communication Systems
• High Speed Data Acquisition




Similar Part No. - HI5766

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5766 INTERSIL-HI5766 Datasheet
155Kb / 14P
10-Bit, 60 MSPS A/D Converter
02 1999
HI5766EVAL1 INTERSIL-HI5766EVAL1 Datasheet
155Kb / 14P
10-Bit, 60 MSPS A/D Converter
02 1999
HI5766EVAL1 INTERSIL-HI5766EVAL1 Datasheet
799Kb / 16P
10-Bit, 60MSPS A/D Converter
March 30, 2005
HI5766KCA INTERSIL-HI5766KCA Datasheet
155Kb / 14P
10-Bit, 60 MSPS A/D Converter
02 1999
HI5766KCA INTERSIL-HI5766KCA Datasheet
799Kb / 16P
10-Bit, 60MSPS A/D Converter
March 30, 2005
More results


Similar Description - HI5766

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5728 INTERSIL-HI5728 Datasheet
207Kb / 17P
10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
July 1999
HI5760 INTERSIL-HI5760 Datasheet
172Kb / 18P
10-Bit, 125/60MSPS, High Speed D/A Converter
November 1999
HI5762 INTERSIL-HI5762 Datasheet
133Kb / 14P
Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
02 1999
HI5766 INTERSIL-HI5766_05 Datasheet
799Kb / 16P
10-Bit, 60MSPS A/D Converter
March 30, 2005
HI5760 INTERSIL-HI5760_05 Datasheet
516Kb / 18P
10-Bit, 125/60MSPS, High Speed D/A Converter
March 30, 2005
HI5728INZ-T INTERSIL-HI5728INZ-T Datasheet
458Kb / 19P
10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
January 22, 2010
HI5760BIB INTERSIL-HI5760BIB Datasheet
521Kb / 18P
10-Bit, 125/60MSPS, High Speed D/A Converter
March 30, 2005
logo
Renesas Technology Corp
HI5728 RENESAS-HI5728 Datasheet
952Kb / 19P
10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
HI5760 RENESAS-HI5760 Datasheet
895Kb / 18P
10-Bit, 125/60MSPS, High Speed D/A Converter
HI5762 RENESAS-HI5762 Datasheet
745Kb / 16P
Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com