Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HI7191IP Datasheet (PDF) - Renesas Technology Corp

HI7191IP Datasheet PDF - Renesas Technology Corp
Part # HI7191IP
Download  HI7191IP Download
File Size   1127.56 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 24-Bit, High Precision, Sigma Delta A/D Converter

HI7191IP Datasheet (PDF)

Go To PDF Page Download Datasheet
HI7191IP Datasheet PDF - Renesas Technology Corp

Part # HI7191IP
Download  HI7191IP Click to download

File Size   1127.56 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 24-Bit, High Precision, Sigma Delta A/D Converter

HI7191IP Datasheet (HTML) - Renesas Technology Corp


HI7191IP Product details

The Intersil HI7191 is a monolithic instrumentation, sigma delta A/D converter which operates from 5V supplies. Both the signal and reference inputs are fully differential for maximum flexibility and performance. An internal Programmable Gain Instrumentation Amplifier (PGIA) provides input gains from 1 to 128 eliminating the need for external pre-amplifiers. The on-demand converter auto-calibrate function is capable of removing offset and gain errors existing in external and internal circuitry. The on-board user programmable digital filter provides over 120dB of 60/50Hz noise rejection and allows fine tuning of resolution and conversion speed over a wide dynamic range. The HI7190 and HI7191 are functionally the same device, but the HI7190 has tighter linearity specs.

Features
• 20-Bit Resolution with No Missing Code
• 0.0015% Integral Non-Linearity (Typ)
• 20mV to ±2.5V Full Scale Input Ranges
• Internal PGIA with Gains of 1 to 128
• Serial Data I/O Interface, SPI Compatible
• Differential Analog and Reference Inputs
• Internal or System Calibration
• 120dB Rejection of 60/50Hz Line Noise
• Settling Time of 4 Conversions (Max) for a Step Input
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Process Control and Measurement
• Industrial Weight Scales
• Part Counting Scales
• Laboratory Instrumentation
• Seismic Monitoring
• Magnetic Field Monitoring




Similar Part No. - HI7191IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7191IP INTERSIL-HI7191IP Datasheet
187Kb / 24P
24-Bit, High Precision, Sigma Delta A/D Converter
1998 03
HI7191IP INTERSIL-HI7191IP Datasheet
623Kb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
June 1, 2006
HI7191IP INTERSIL-HI7191IP Datasheet
630Kb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
June 1, 2006
HI7191IPZ INTERSIL-HI7191IPZ Datasheet
623Kb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
June 1, 2006
HI7191IPZ INTERSIL-HI7191IPZ Datasheet
630Kb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
June 1, 2006
More results


Similar Description - HI7191IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7190 INTERSIL-HI7190 Datasheet
187Kb / 24P
24-Bit, High Precision, Sigma Delta A/D Converter
March 1998
HI7191 INTERSIL-HI7191 Datasheet
187Kb / 24P
24-Bit, High Precision, Sigma Delta A/D Converter
1998 03
HI7190 INTERSIL-HI7190_06 Datasheet
471Kb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
June 27, 2006
HI7191 INTERSIL-HI7191_06 Datasheet
623Kb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
June 1, 2006
HI7190IP INTERSIL-HI7190IP Datasheet
474Kb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
June 27, 2006
HI7191IP INTERSIL-HI7191IP Datasheet
630Kb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
June 1, 2006
logo
Holtek Semiconductor In...
BH66F5233 HOLTEK-BH66F5233 Datasheet
6Mb / 137P
24-Bit Delta Sigma A/D MCU
June 30, 2016
HT67F5650 HOLTEK-HT67F5650 Datasheet
7Mb / 235P
24-Bit Delta Sigma A/D LCD Flash MCU
BH66F5232 HOLTEK-BH66F5232 Datasheet
7Mb / 145P
24-Bit Delta Sigma A/D Flash MCU
logo
Renesas Technology Corp
HI7190 RENESAS-HI7190 Datasheet
1Mb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com