Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HI7191IP Datasheet (PDF) - Intersil Corporation

HI7191IP Datasheet PDF - Intersil Corporation
Part # HI7191IP
Download  HI7191IP Download
File Size   630.43 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 24-Bit, High Precision, Sigma Delta A/D Converter

HI7191IP Datasheet (PDF)

Go To PDF Page Download Datasheet
HI7191IP Datasheet PDF - Intersil Corporation

Part # HI7191IP
Download  HI7191IP Click to download

File Size   630.43 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 24-Bit, High Precision, Sigma Delta A/D Converter

HI7191IP Datasheet (HTML) - Intersil Corporation


HI7191IP Product details

The Intersil HI7191 is a monolithic instrumentation, sigma
delta A/D converter which operates from ±5V supplies. Both
the signal and reference inputs are fully differential for
maximum flexibility and performance. An internal
Programmable Gain Instrumentation Amplifier (PGIA)
provides input gains from 1 to 128 eliminating the need for
external pre-amplifiers. The on-demand converter
auto-calibrate function is capable of removing offset and gain
errors existing in external and internal circuitry. The on-board
user programmable digital filter provides over 120dB of
60/50Hz noise rejection and allows fine tuning of resolution
and conversion speed over a wide dynamic range. The
HI7190 and HI7191 are functionally the same device, but the
HI7190 has tighter linearity specs.
The HI7191 contains a serial I/O port and is compatible with
most synchronous transfer formats including both the
Motorola 6805/11 series SPI and Intel 8051 series SSR
protocols. A sophisticated set of commands gives the user
control over calibration, PGIA gain, device selection, standby
mode, and several other features. The On-chip Calibration
Registers allow the user to read and write calibration data.

Features
• 20-Bit Resolution with No Missing Code
• 0.0015% Integral Non-Linearity (Typ)
• 20mV to ±2.5V Full Scale Input Ranges
• Internal PGIA with Gains of 1 to 128
• Serial Data I/O Interface, SPI Compatible
• Differential Analog and Reference Inputs
• Internal or System Calibration
• 120dB Rejection of 60/50Hz Line Noise
• Settling Time of 4 Conversions (Max) for a Step Input
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Process Control and Measurement
• Industrial Weight Scales
• Part Counting Scales
• Laboratory Instrumentation
• Seismic Monitoring
• Magnetic Field Monitoring




Similar Part No. - HI7191IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7191IP INTERSIL-HI7191IP Datasheet
187Kb / 24P
24-Bit, High Precision, Sigma Delta A/D Converter
1998 03
HI7191IP INTERSIL-HI7191IP Datasheet
623Kb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
June 1, 2006
logo
Renesas Technology Corp
HI7191IP RENESAS-HI7191IP Datasheet
1Mb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
logo
Intersil Corporation
HI7191IPZ INTERSIL-HI7191IPZ Datasheet
623Kb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
June 1, 2006
logo
Renesas Technology Corp
HI7191IPZ RENESAS-HI7191IPZ Datasheet
1Mb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
More results


Similar Description - HI7191IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7190 INTERSIL-HI7190 Datasheet
187Kb / 24P
24-Bit, High Precision, Sigma Delta A/D Converter
March 1998
HI7191 INTERSIL-HI7191 Datasheet
187Kb / 24P
24-Bit, High Precision, Sigma Delta A/D Converter
1998 03
HI7190 INTERSIL-HI7190_06 Datasheet
471Kb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
June 27, 2006
HI7191 INTERSIL-HI7191_06 Datasheet
623Kb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
June 1, 2006
HI7190IP INTERSIL-HI7190IP Datasheet
474Kb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
June 27, 2006
logo
Holtek Semiconductor In...
BH66F5233 HOLTEK-BH66F5233 Datasheet
6Mb / 137P
24-Bit Delta Sigma A/D MCU
June 30, 2016
HT67F5650 HOLTEK-HT67F5650 Datasheet
7Mb / 235P
24-Bit Delta Sigma A/D LCD Flash MCU
BH66F5232 HOLTEK-BH66F5232 Datasheet
7Mb / 145P
24-Bit Delta Sigma A/D Flash MCU
logo
Renesas Technology Corp
HI7190 RENESAS-HI7190 Datasheet
1Mb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
HI7191 RENESAS-HI7191 Datasheet
1Mb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com