Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1020 Datasheet (PDF) - Renesas Technology Corp

HIP1020 Datasheet PDF - Renesas Technology Corp
Part # HIP1020
Download  HIP1020 Download
File Size   372.67 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single, Double or Triple-Output Hot Plug Controller

HIP1020 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP1020 Datasheet PDF - Renesas Technology Corp

Part # HIP1020
Download  HIP1020 Click to download

File Size   372.67 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single, Double or Triple-Output Hot Plug Controller

HIP1020 Datasheet (HTML) - Renesas Technology Corp


HIP1020 Product details

The HIP1020 applies a linear voltage ramp to the gates of any combination of 3.3V, 5V, and 12V MOSFETs. The internal charge pump doubles a 12V bias or triples a 5V bias to deliver the high-side drive capability required when using more cost-effective N-Channel MOSFETs. The 5V/ms ramp rate is controlled internally and is the proper value to turn on most devices within the Device-Bay-specified di/dt limit. If a slower rate is required, the internally-determined ramp rate can be over ridden using an optional external capacitor.

Features
• Rise Time Controlled to Device-Bay Specifications
• No Additional Components Required
• Internal Charge Pump Drives N-Channel MOSFETs
• Drives any Combination of One, Two or Three Outputs
• Internally-Controlled Turn-On Ramp
    - Optional Capacitor Selects Slower Rates
• Prevents False Turn on During Hot Insertion
• Operates using 12V or 5V Bias
• Improves Device Bay Peripheral Size Cost and Complexity
    - Minimal Component Count
    - Tiny 5-Pin SOT23 Package
• Controls Standard and Logic-Level MOSFETs
• Compatible with TTL and 3.3V Logic Devices
• Shutdown Current . . . . . . . . . . . . . . . . . . . . . . . . . . < 1 μA
• Operating Current . . . . . . . . . . . . . . . . . . . . . . . . . .< 3mA

Applications
• Device Bay Peripherals
• Hot Plug Control
• Power Distribution Control




Similar Part No. - HIP1020

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1020 INTERSIL-HIP1020 Datasheet
51Kb / 6P
Single, Double or Triple-Output Hot Plug Controller
August 1999
HIP1020 INTERSIL-HIP1020 Datasheet
301Kb / 6P
Single, Double or Triple-Output Hot짰lug Controller
July 2004
HIP1020CK-T INTERSIL-HIP1020CK-T Datasheet
51Kb / 6P
Single, Double or Triple-Output Hot Plug Controller
August 1999
HIP1020CK-T INTERSIL-HIP1020CK-T Datasheet
301Kb / 6P
Single, Double or Triple-Output Hot짰lug Controller
July 2004
HIP1020CK-T INTERSIL-HIP1020CK-T Datasheet
306Kb / 6P
Single, Double or Triple-Output Hot Plug Controller
More results


Similar Description - HIP1020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPC3130 TI-HPC3130 Datasheet
555Kb / 40P
PCI HOT PLUG CONTROLLER
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011 Datasheet
61Kb / 7P
PCI Hot Plug Controller
August 1999
HIP1011A INTERSIL-HIP1011A Datasheet
120Kb / 11P
PCI Hot Plug Controller
March 2000
HIP1020 INTERSIL-HIP1020 Datasheet
51Kb / 6P
Single, Double or Triple-Output Hot Plug Controller
August 1999
logo
Maxim Integrated Produc...
MAX5954 MAXIM-MAX5954 Datasheet
1Mb / 22P
Single PCI Express, Hot-Plug Controller
Rev 1; 1/06
logo
Intersil Corporation
HIP1020 INTERSIL-HIP1020_04 Datasheet
301Kb / 6P
Single, Double or Triple-Output Hot짰lug Controller
July 2004
HIP1011A INTERSIL-HIP1011A_04 Datasheet
648Kb / 11P
PCI Hot Plug Controller
November 16, 2004
HIP1020CK-T INTERSIL-HIP1020CK-T Datasheet
306Kb / 6P
Single, Double or Triple-Output Hot Plug Controller
logo
Renesas Technology Corp
HIP1011A RENESAS-HIP1011A Datasheet
596Kb / 11P
PCI Hot Plug Controller
HIP1011B RENESAS-HIP1011B Datasheet
479Kb / 9P
PCI Hot Plug Controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com