Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1020 Datasheet (PDF) - Intersil Corporation

HIP1020 Datasheet PDF - Intersil Corporation
Part # HIP1020
Download  HIP1020 Download
File Size   51.0 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single, Double or Triple-Output Hot Plug Controller

HIP1020 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP1020 Datasheet PDF - Intersil Corporation

Part # HIP1020
Download  HIP1020 Click to download

File Size   51.0 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single, Double or Triple-Output Hot Plug Controller

HIP1020 Datasheet (HTML) - Intersil Corporation


HIP1020 Product details

The HIP1020 applies a linear voltage ramp to the gates of any combination of 3.3V, 5V, and 12V MOSFETs. The internal charge pump doubles a 12V bias or triples a 5V bias to deliver the high-side drive capability required when using more cost-effective N-Channel MOSFETs. The 5V/ms ramp rate is controlled internally and is the proper value to turn on most devices within the Device-Bay-specified di/dt limit. If a slower rate is required, the internally-determined ramp rate can be over ridden using an optional external capacitor.

Features
• Rise Time Controlled to Device-Bay Specifications
• No Additional Components Required
• Internal Charge Pump Drives N-Channel MOSFETs
• Drives any Combination of One, Two or Three Outputs
• Internally-Controlled Turn-On Ramp
    - Optional Capacitor Selects Slower Rates
• Prevents False Turn on During Hot Insertion
• Operates using 12V or 5V Bias
• Improves Device Bay Peripheral Size Cost and Complexity
    - Minimal Component Count
    - Tiny 5-Pin SOT23 Package
• Controls Standard and Logic-Level MOSFETs
• Compatible with TTL and 3.3V Logic Devices
• Shutdown Current . . . . . . . . . . . . . . . . . . . . . . . . . . < 1µA
• Operating Current . . . . . . . . . . . . . . . . . . . . . . . . . .< 3mA

Applications
• Device Bay Peripherals
• Hot Plug Control
• Power Distribution Control




Similar Part No. - HIP1020

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1020 INTERSIL-HIP1020 Datasheet
301Kb / 6P
Single, Double or Triple-Output Hot짰lug Controller
July 2004
logo
Renesas Technology Corp
HIP1020 RENESAS-HIP1020 Datasheet
372Kb / 6P
Single, Double or Triple-Output Hot Plug Controller
logo
Intersil Corporation
HIP1020CK-T INTERSIL-HIP1020CK-T Datasheet
301Kb / 6P
Single, Double or Triple-Output Hot짰lug Controller
July 2004
HIP1020CK-T INTERSIL-HIP1020CK-T Datasheet
306Kb / 6P
Single, Double or Triple-Output Hot Plug Controller
logo
Renesas Technology Corp
HIP1020CK-T RENESAS-HIP1020CK-T Datasheet
372Kb / 6P
Single, Double or Triple-Output Hot Plug Controller
More results


Similar Description - HIP1020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPC3130 TI-HPC3130 Datasheet
555Kb / 40P
PCI HOT PLUG CONTROLLER
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011 Datasheet
61Kb / 7P
PCI Hot Plug Controller
August 1999
HIP1011A INTERSIL-HIP1011A Datasheet
120Kb / 11P
PCI Hot Plug Controller
March 2000
logo
Maxim Integrated Produc...
MAX5954 MAXIM-MAX5954 Datasheet
1Mb / 22P
Single PCI Express, Hot-Plug Controller
Rev 1; 1/06
logo
Intersil Corporation
HIP1020 INTERSIL-HIP1020_04 Datasheet
301Kb / 6P
Single, Double or Triple-Output Hot짰lug Controller
July 2004
HIP1011A INTERSIL-HIP1011A_04 Datasheet
648Kb / 11P
PCI Hot Plug Controller
November 16, 2004
HIP1020CK-T INTERSIL-HIP1020CK-T Datasheet
306Kb / 6P
Single, Double or Triple-Output Hot Plug Controller
logo
Renesas Technology Corp
HIP1011A RENESAS-HIP1011A Datasheet
596Kb / 11P
PCI Hot Plug Controller
HIP1011B RENESAS-HIP1011B Datasheet
479Kb / 9P
PCI Hot Plug Controller
HIP1020 RENESAS-HIP1020 Datasheet
372Kb / 6P
Single, Double or Triple-Output Hot Plug Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com